Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74F181PC Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza 74F181PC
Descripción Electrónicos  4-Bit Arithmetic Logic Unit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F181PC Datasheet(HTML) 7 Page - Fairchild Semiconductor

  74F181PC Datasheet HTML 1Page - Fairchild Semiconductor 74F181PC Datasheet HTML 2Page - Fairchild Semiconductor 74F181PC Datasheet HTML 3Page - Fairchild Semiconductor 74F181PC Datasheet HTML 4Page - Fairchild Semiconductor 74F181PC Datasheet HTML 5Page - Fairchild Semiconductor 74F181PC Datasheet HTML 6Page - Fairchild Semiconductor 74F181PC Datasheet HTML 7Page - Fairchild Semiconductor 74F181PC Datasheet HTML 8Page - Fairchild Semiconductor 74F181PC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
AC Electrical Characteristics
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Symbol
Parameter
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
Units
CL = 50 pF
CL = 50 pF
CL = 50 pF
Path
Mode
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
3.0
6.4
8.5
3.0
10.0
3.0
9.5
ns
tPHL
Cn to Cn + 4
3.0
6.1
8.0
3.0
9.5
3.0
9.0
tPLH
Propagation Delay
5.0
10.0
13.0
5.0
15.5
5.0
14.0
ns
tPHL
A or B to Cn + 4
Sum
4.0
9.412.03.5
16.54.0
13.0
tPLH
Propagation Delay
5.0
10.8
14.0
5.0
17.0
5.0
15.0
ns
tPHL
A or B to Cn + 4
Dif
5.0
10.0
13.0
4.0
15.0
5.0
14.0
tPLH
Propagation Delay
3.0
6.7
8.5
2.5
16.0
3.0
9.5
ns
tPHL
Cn to F
Any
3.0
6.5
8.5
2.5
12.0
3.0
9.5
tPLH
Propagation Delay
3.0
5.7
7.5
2.5
9.0
3.0
8.5
ns
tPHL
A or B or G
Sum
3.0
5.8
7.5
2.5
9.5
3.0
8.5
tPLH
Propagation Delay
3.0
6.5
8.5
2.5
11.5
3.0
9.5
ns
tPHL
A or B to G
Dif
3.0
7.3
9.5
2.5
11.0
3.0
10.5
tPLH
Propagation Delay
3.0
5.0
7.0
2.5
8.5
3.0
8.0
ns
tPHL
A or B to P
Sum
3.0
5.5
7.5
3.0
9.5
3.0
8.5
tPLH
Propagation Delay
3.0
5.8
7.5
2.5
11.0
3.0
8.5
ns
tPHL
A or B to P
Dif
4.0
6.5
8.5
3.0
11.0
4.0
9.5
tPLH
Propagation Delay
3.0
7.0
9.0
3.0
14.5
3.0
10.0
ns
tPHL
Ai or Bi to Fi
Sum
3.0
7.210.03.0
14.53.0
10.0
tPLH
Propagation Delay
3.0
8.2
11.0
3.0
17.5
3.0
12.0
ns
tPHL
Ai or Bi to Fi
Dif
3.0
5.0
11.0
3.0
14.5
3.0
12.0
tPLH
Propagation Delay
4.0
8.0
10.5
3.5
16.5
4.0
11.5
ns
tPHL
Any A or B to Any F
Sum
4.0
7.810.04.0
13.54.0
11.0
tPLH
Propagation Delay
4.5
9.4
12.0
3.5
17.5
4.5
13.0
ns
tPHL
Any A or B to Any F
Dif
3.5
9.4
12.0
3.0
14.0
3.5
13.0
tPLH
Propagation Delay
4.0
6.0
9.0
3.5
14.5
4.0
10.0
ns
tPHL
A or B to F
Logic
4.0
6.0
10.0
3.0
15.5
4.0
11.0
tPLH
Propagation Delay
11.0
18.5
27.0
8.0
35.0
11.0
29.0
ns
tPHL
A or B to A
= B
Dif
6.0
9.8
12.5
5.5
21.0
6.0
13.5


Número de pieza similar - 74F181PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
74F181PC NSC-74F181PC Datasheet
218Kb / 10P
   4-Bit Arithmetic Logic Unit
More results

Descripción similar - 74F181PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74LS181 FAIRCHILD-DM74LS181 Datasheet
74Kb / 7P
   4-Bit Arithmetic Logic Unit
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
   4-BIT ARITHMETIC LOGIC UNIT
MC5474F181 MOTOROLA-MC5474F181 Datasheet
125Kb / 5P
   4-BIT ARITHMETIC LOGIC UNIT
logo
Fairchild Semiconductor
DM93S41 FAIRCHILD-DM93S41 Datasheet
61Kb / 7P
   4-Bit Arithmetic Logic Unit
logo
NXP Semiconductors
74AC11181 PHILIPS-74AC11181 Datasheet
500Kb / 19P
   4 BIT ARITHMETIC LOGIC UNIT
October 1990
logo
STMicroelectronics
HCC40181B STMICROELECTRONICS-HCC40181B Datasheet
272Kb / 12P
   4-BIT ARITHMETIC LOGIC UNIT
logo
National Semiconductor ...
54F181DM NSC-54F181DM Datasheet
218Kb / 10P
   4-Bit Arithmetic Logic Unit
54LS181 NSC-54LS181 Datasheet
193Kb / 7P
   4-BIT ARITHMETIC LOGIC UNIT
DM54LS181 NSC-DM54LS181 Datasheet
154Kb / 10P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
MC14581B MOTOROLA-MC14581B Datasheet
233Kb / 7P
   4-Bit Arithmetic Logic Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com