Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS-2000-4406-2 Datasheet(PDF) 1 Page - 3M Electronics

No. de pieza GS-2000-4406-2
Descripción Electrónicos  Identification of the substance/mixture and of the company/undertaking
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  3M [3M Electronics]
Página de inicio  http://www.3m.com
Logo 3M - 3M Electronics

GS-2000-4406-2 Datasheet(HTML) 1 Page - 3M Electronics

  GS-2000-4406-2 Datasheet HTML 1Page - 3M Electronics GS-2000-4406-2 Datasheet HTML 2Page - 3M Electronics GS-2000-4406-2 Datasheet HTML 3Page - 3M Electronics GS-2000-4406-2 Datasheet HTML 4Page - 3M Electronics GS-2000-4406-2 Datasheet HTML 5Page - 3M Electronics GS-2000-4406-2 Datasheet HTML 6Page - 3M Electronics GS-2000-4406-2 Datasheet HTML 7Page - 3M Electronics GS-2000-4406-2 Datasheet HTML 8Page - 3M Electronics GS-2000-4406-2 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
3M Scotch-Weld TL70 Anaerobic Threadlocker
__________________________________________________________________________________________
Page: 1 of 17
Safety Data Sheet
Copyright, 2011, 3M Company All rights reserved. Copying and/or downloading of this information for the purpose of
properly utilising 3M products is allowed provided that: (1) the information is copied in full with no changes unless prior
written agreement is obtained from 3M, ve (2) neither the copy nor the original is resold or otherwise distributed with the
intention of earning a profit thereon.
Document group:
22-7859-6
Version number:
6.04
Revision date:
29/07/2011
Supersedes date:
09/05/2011
Transportation version number: 1.00 (14/04/2010)
This Safety Data Sheet has been prepared in accordance with the REACH Regulation (EC) 1907/2006 and its modifications.
SECTION 1: Identification of the substance/mixture and of the
company/undertaking
1.1. Product identifier
3M Scotch-Weld TL70 Anaerobic Threadlocker
Product identification numbers
GS-2000-4405-4
GS-2000-4406-2
GS-2000-4407-0
GS-2000-4477-3
GS-2000-4478-1
GS-2000-4496-3
GS-2000-4636-4
GS-2000-4637-2
GS-2000-4695-0
GS-2000-4992-1
GS-2000-4993-9
GS-2000-4994-7
GS-2000-4995-4
GS-2000-4996-2
GS-2000-5025-9
GS-2000-5309-7
GS-2000-5331-1
1.2. Relevant identified uses of the substance or mixture and uses advised against
Identified uses
Structural adhesive.
1.3. Details of the supplier of the substance or mixture
Address:
3M United Kingdom PLC, 3M Centre, Cain Road, Bracknell, Berkshire, RG12 8HT.
E Mail:
tox.uk@mmm.com
Website:
www.3M.com/uk
1.4. Emergency telephone number
+44 (0)1344 858 000
SECTION 2: Hazard identification
2.1. Classification of the substance or mixture
Dangerous substances(67/548/EEC)/preparations(1999/45/EC) directive
Indication of danger
Irritant.
Sensitising
2.2. Label elements
Dangerous substances(67/548/EEC)/preparations(1999/45/EC) directive


Número de pieza similar - GS-2000-4406-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
FCI connector
GS-20-094 FCI-CONNECTOR-GS-20-094 Datasheet
925Kb / 23P
   ZipLine Connector System
GS-20-129 FCI-CONNECTOR-GS-20-129 Datasheet
850Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
More results

Descripción similar - GS-2000-4406-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
408-2648 TEC-408-2648 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
logo
Shenzhen Huazhimei Semi...
HM9300 HMSEMI-HM9300 Datasheet
244Kb / 2P
   The package and pin of the chip
logo
PHOENIX CONTACT
2764975 PHOENIX-2764975 Datasheet
151Kb / 9P
   Date of manufacture and material and part identification embossed on the housing (recyclability)
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
TE Connectivity Ltd
ENG_CD_0413-204-2005_- TEC-ENG_CD_0413-204-2005_- Datasheet
31Kb / 1P
   The Deutscgg Company
logo
SparkFun Electronics
BOK-11499 SPARKFUN-BOK-11499 Datasheet
122Kb / 2P
   Robotics: Discover the Science and Technology of the Future
6??1??7
logo
STMicroelectronics
AN2021 STMICROELECTRONICS-AN2021 Datasheet
880Kb / 39P
   The ST10F272B and ST10F272E are members of the STMicroelectronics
logo
List of Unclassifed Man...
88950303 ETC2-88950303 Datasheet
117Kb / 2P
   The LED continuously signals the presence of voltage at the output and, when flashing, triggering of the self-protection
logo
Zilog, Inc.
Z8ENCORE000ZAC ZILOG-Z8ENCORE000ZAC Datasheet
814Kb / 6P
   The voltage and current requirements of the Z8 Encore
logo
List of Unclassifed Man...
88950304 ETC2-88950304 Datasheet
117Kb / 2P
   The LED continuously signals the presence of voltage at the output and, when flashing, triggering of the self-protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com