Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS-2000-4477-3 Datasheet(PDF) 4 Page - 3M Electronics

No. de pieza GS-2000-4477-3
Descripción Electrónicos  Identification of the substance/mixture and of the company/undertaking
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  3M [3M Electronics]
Página de inicio  http://www.3m.com
Logo 3M - 3M Electronics

GS-2000-4477-3 Datasheet(HTML) 4 Page - 3M Electronics

  GS-2000-4477-3 Datasheet HTML 1Page - 3M Electronics GS-2000-4477-3 Datasheet HTML 2Page - 3M Electronics GS-2000-4477-3 Datasheet HTML 3Page - 3M Electronics GS-2000-4477-3 Datasheet HTML 4Page - 3M Electronics GS-2000-4477-3 Datasheet HTML 5Page - 3M Electronics GS-2000-4477-3 Datasheet HTML 6Page - 3M Electronics GS-2000-4477-3 Datasheet HTML 7Page - 3M Electronics GS-2000-4477-3 Datasheet HTML 8Page - 3M Electronics GS-2000-4477-3 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
3M Scotch-Weld TL70 Anaerobic Threadlocker
__________________________________________________________________________________________
Page: 4 of 17
SECTION 5: Fire-fighting measures
5.1. Extinguishing media
In case of fire: Use a fire fighting agent suitable for flammable liquids or gases such as dry chemical or carbon dioxide.
5.2. Special hazards arising from the substance or mixture
Closed containers exposed to heat from fire may build pressure and explode.
Hazardous Decomposition or By-Products
Substance
Condition
Carbon monoxide.
During combustion.
Carbon dioxide.
During combustion.
Oxides of nitrogen.
During combustion.
Oxides of sulphur.
During combustion.
5.3. Advice for fire-fighters
No unusual fire or explosion hazards are anticipated.
SECTION 6: Accidental release measures
6.1. Personal precautions, protective equipment and emergency procedures
Evacuate area. Ventilate the area with fresh air. For large spill, or spills in confined spaces, provide mechanical ventilation
to disperse or exhaust vapours, in accordance with good industrial hygiene practice. Warning: A motor could be an ignition
source and could cause flammable gases or vapours in the spill area to burn or explode. Refer to other sections of this SDS
for information regarding physical and health hazards, respiratory protection, ventilation, and personal protective equipment.
6.2. Environmental precautions
For larger spills, cover drains and build dykes to prevent entry into sewer systems or bodies of water. Avoid release to the
environment.
6.3. Methods and material for containment and cleaning up
Contain spill. Working from around the edges of the spill inward, cover with bentonite, vermiculite, or commercially
available inorganic absorbent material. Mix in sufficient absorbent until it appears dry. Remember, adding an absorbent
material does not remove a toxic, corrosivity or flammability hazard. Collect as much of the spilled material as possible.
Place in a closed container approved for transportation by appropriate authorities. Clean up residue with an appropriate
solvent selected by a qualified and authorised person. Ventilate the area with fresh air. Read and follow safety precautions on
the solvent label and Safety Data Sheet. Seal the container. Dispose of collected material as soon as possible.
6.4. Reference to other sections
Refer to Section 8 and Section 13 for more information
SECTION 7: Handling and storage
7.1. Precautions for safe handling
For industrial or professional use only. Do not breathe dust/fume/gas/mist/vapours/spray. Do not get in eyes, on skin, or on
clothing. Do not eat, drink or smoke when using this product. Wash thoroughly after handling. Contaminated work clothing
should not be allowed out of the workplace. Avoid release to the environment. Wash contaminated clothing before reuse.
Avoid contact with oxidising agents (eg. chlorine, chromic acid etc.)
7.2. Conditions for safe storage including any incompatibilities
Store in a well-ventilated place. Keep container tightly closed. Store away from heat. Protect from sunlight. Store away
from oxidising agents.


Número de pieza similar - GS-2000-4477-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
FCI connector
GS-20-094 FCI-CONNECTOR-GS-20-094 Datasheet
925Kb / 23P
   ZipLine Connector System
GS-20-129 FCI-CONNECTOR-GS-20-129 Datasheet
850Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
More results

Descripción similar - GS-2000-4477-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
408-2648 TEC-408-2648 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
logo
Shenzhen Huazhimei Semi...
HM9300 HMSEMI-HM9300 Datasheet
244Kb / 2P
   The package and pin of the chip
logo
PHOENIX CONTACT
2764975 PHOENIX-2764975 Datasheet
151Kb / 9P
   Date of manufacture and material and part identification embossed on the housing (recyclability)
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
TE Connectivity Ltd
ENG_CD_0413-204-2005_- TEC-ENG_CD_0413-204-2005_- Datasheet
31Kb / 1P
   The Deutscgg Company
logo
SparkFun Electronics
BOK-11499 SPARKFUN-BOK-11499 Datasheet
122Kb / 2P
   Robotics: Discover the Science and Technology of the Future
6??1??7
logo
STMicroelectronics
AN2021 STMICROELECTRONICS-AN2021 Datasheet
880Kb / 39P
   The ST10F272B and ST10F272E are members of the STMicroelectronics
logo
List of Unclassifed Man...
88950303 ETC2-88950303 Datasheet
117Kb / 2P
   The LED continuously signals the presence of voltage at the output and, when flashing, triggering of the self-protection
logo
Zilog, Inc.
Z8ENCORE000ZAC ZILOG-Z8ENCORE000ZAC Datasheet
814Kb / 6P
   The voltage and current requirements of the Z8 Encore
logo
List of Unclassifed Man...
88950304 ETC2-88950304 Datasheet
117Kb / 2P
   The LED continuously signals the presence of voltage at the output and, when flashing, triggering of the self-protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com