Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74F403 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 74F403
Descripción Electrónicos  First-In First-Out (FIFO) Buffer Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F403 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F403 Datasheet HTML 1Page - Fairchild Semiconductor 74F403 Datasheet HTML 2Page - Fairchild Semiconductor 74F403 Datasheet HTML 3Page - Fairchild Semiconductor 74F403 Datasheet HTML 4Page - Fairchild Semiconductor 74F403 Datasheet HTML 5Page - Fairchild Semiconductor 74F403 Datasheet HTML 6Page - Fairchild Semiconductor 74F403 Datasheet HTML 7Page - Fairchild Semiconductor 74F403 Datasheet HTML 8Page - Fairchild Semiconductor 74F403 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out:
See Section 2 for U.L. definitions
Block Diagram
Functional Description
As shown in the Block Diagram the 74F403A consists of
three sections:
1. An Input register with parallel and serial data inputs as
well as control inputs and outputs for input handshak-
ing and expansion.
2. A 4-bit wide, 14-word deep fall-through stack with self-
contained control logic.
3. An Output Register with parallel and serial data outputs
as well as control inputs and outputs for output hand-
shaking and expansion.
Since these three sections operate asynchronously and
almost independently, they will be described separately
below.
INPUT REGISTER (DATA ENTRY)
The Input Register can receive data in either bit-serial or in
4-bit parallel form. It stores this data until it is sent to the
fall-through stack and generates the necessary status and
control signals.
Figure 1 is a conceptual logic diagram of the input section.
As described later, this 5-bit register is initialized by setting
the F3 flip-flop and resetting the other flip-flops. The Q out-
put of the last flip-flop (FC) is brought out as the “Input
Register Full” output (IRF). After initialization this output is
HIGH.
Parallel Entry— A HIGH on the PL input loads the D0-D3
inputs into the F0-F3 flip-flops and sets the FC flip-flop. This
forces the IRF output LOW indicating that the input register
is full. During parallel entry, the CPSI input must be LOW. If
parallel expansion is not being implemented, IES must be
LOW to establish row mastership (see Expansion section).
Serial Entry— Data on the DS input is serially entered into
the F3, F2, F1, F0, FC shift register on each HIGH-to-LOW
transition of the CPSI clock input, provided IES and PL are
LOW.
After the fourth clock transition, the four data bits are
located in the four flip-flops, F0-F3. The FC flip-flop is set,
forcing the IRF output LOW and internally inhibiting CPSI
clock pulses from affecting the register, Figure 2 illustrates
the final positions in a 74F403A resulting from a 64-bit
serial bit train. B0 is the first bit, B63 the last bit.
Pin
Description
U.L.
Input IIH/IIL
Names
HIGH/LOW Output IOH/IOL
D0 D3 Parallel Data Inputs
1.0/0.667
20
µA/400 µA
DS
Serial Data Input
1.0/0.667
20
µA/400 µA
PL
Parallel Load Input
1.0/0.667
20
µA/400 µA
CPSI
Serial Input Clock
1.0/0.667
20
µA/400 µA
IES
Serial Input Enable
1.0/0.667
20
µA/400 µA
TTS
Transfer to Stack Input
1.0/0.667
20
µA/400 µA
OES
Serial Output Enable
1.0/0.667
20
µA/400 µA
TOS
Transfer Out Serial
1.0/0.667
20
µA/400 µA
TOP
Transfer Out Parallel
1.0/0.667
20
µA/400 µA
MR
Master Reset
1.0/0.667
20
µA/400 µA
OE
Output Enable
1.0/0.667
20
µA/400 µA
CPSO
Serial Output Clock
1.0/0.667
20
µA/400 µA
Q0 Q3 Parallel Data Outputs
285/26.7
5.7 mA/16 mA
QS
Serial Data Output
285/26.7
5.7 mA/16 mA
IRF
Input Register Full
20/13.3
400 µA/8 mA
ORE
Output Register Empty
20/13.3
400 µA/8 mA


Número de pieza similar - 74F403

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74F40 PHILIPS-74F40 Datasheet
34Kb / 3P
   Dual 4-input NAND buffer
April 11, 1989
logo
Fairchild Semiconductor
74F401 FAIRCHILD-74F401 Datasheet
60Kb / 7P
   CRC Generator/Checker
74F401PC FAIRCHILD-74F401PC Datasheet
60Kb / 7P
   CRC Generator/Checker
74F401SC FAIRCHILD-74F401SC Datasheet
60Kb / 7P
   CRC Generator/Checker
logo
National Semiconductor ...
74F402 NSC-74F402 Datasheet
177Kb / 12P
   Serial Data Polynomial Generator/Checker
More results

Descripción similar - 74F403

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74F433 FAIRCHILD-74F433 Datasheet
166Kb / 16P
   First-In First-Out (FIFO) Buffer Memory
9403A FAIRCHILD-9403A Datasheet
156Kb / 16P
   First-In First-Out (FIFO) Buffer Memory
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI1-SN74ABT3611_05 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
logo
Integrated Device Techn...
7201LA20TP IDT-7201LA20TP Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com