Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74F524 Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza 74F524
Descripción Electrónicos  8-Bit Registered Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F524 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  74F524 Datasheet HTML 1Page - Fairchild Semiconductor 74F524 Datasheet HTML 2Page - Fairchild Semiconductor 74F524 Datasheet HTML 3Page - Fairchild Semiconductor 74F524 Datasheet HTML 4Page - Fairchild Semiconductor 74F524 Datasheet HTML 5Page - Fairchild Semiconductor 74F524 Datasheet HTML 6Page - Fairchild Semiconductor 74F524 Datasheet HTML 7Page - Fairchild Semiconductor 74F524 Datasheet HTML 8Page - Fairchild Semiconductor 74F524 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
fMAX
Maximum Shift Frequency
50
75
50
MHz
tPLH
Propagation Delay
9.0
16.5
20.0
9.0
21.0
tPHL
I/On to EQ
5.0
9.5
12.0
5.0
13.0
tPLH
Propagation Delay
8.5
14.1
19.0
8.5
20.0
ns
tPHL
I/On to GT
6.5
13.0
16.5
6.5
17.5
tPLH
Propagation Delay
7.0
15.5
20.0
7.0
21.0
tPHL
I/On to LT
4.5
10.0
14.0
4.5
15.0
tPLH
Propagation Delay
8.0
15.2
19.5
8.0
20.5
ns
tPHL
I/On to C/SO
6.0
12.5
16.0
6.0
17.0
tPLH
Propagation Delay
10.0
20.0
25.0
10.0
26.0
tPHL
CP to EQ
4.0
8.5
16.5
4.0
17.5
tPLH
Propagation Delay
10.0
16.5
21.0
10.0
22.0
ns
tPHL
CP to GT
8.5
17.0
22.0
8.5
23.0
tPLH
Propagation Delay
9.0
20.0
25.0
9.0
26.0
tPHL
CP to LT
5.5
13.5
17.0
5.5
18.0
tPLH
Propagation Delay
8.5
16.5
21.0
8.5
22.0
CP to C/SO (Load)
ns
tPLH
Propagation Delay
5.0
10.0
13.0
5.0
14.0
tPHL
CP to C/SO (Serial Shift)
4.5
9.0
11.5
4.5
12.5
tPLH
Propagation Delay
9.0
15.0
19.0
9.0
20.0
tPHL
C/SI to GT
3.0
6.5
8.5
3.0
9.5
ns
tPLH
Propagation Delay
8.0
15.5
20.0
8.0
21.0
tPHL
C/SI to LT
3.5
6.5
8.5
3.5
9.5
tPLH
Propagation Delay
6.5
11.5
14.5
6.5
15.5
ns
tPHL
S0, S1 to C/SO
5.5
14.0
18.0
5.5
19.0
tPLH
Propagation Delay
3.5
8.0
10.5
3.5
11.5
tPHL
SE to EQ
2.5
6.0
8.0
2.5
9.0
tPLH
Propagation Delay
6.5
12.5
16.0
6.5
17.0
ns
tPHL
SE to GT
3.5
6.0
8.0
3.5
9.0
tPLH
Propagation Delay
5.0
10.5
13.5
5.0
14.5
tPHL
SE to LT
3.5
6.0
8.0
3.5
9.0
tPLH
Propagation Delay
4.0
8.5
11.0
4.0
12.0
ns
tPHL
C/SI to C/SO
4.0
8.5
11.0
4.0
12.0
tPLH
Propagation Delay
8.0
15.0
19.5
8.0
20.5
tPHL
M to GT
6.0
12.0
17.5
6.0
18.5
ns
tPLH
Propagation Delay
8.0
17.0
22.0
8.0
23.0
tPHL
M to LT
4.5
9.5
12.0
4.5
13.0
tPLH
Propagation Delay
15.0
25.0
33.0
15.0
35.0
tPHL
S0, S1 to EQ
9.0
15.0
19.0
9.0
20.0
tPLH
Propagation Delay
10.5
18.0
23.0
10.5
24.0
ns
tPHL
S0, S1 to GT
10.5
18.0
23.0
10.5
24.0
tPLH
Propagation Delay
13.0
22.0
28.0
13.0
30.0
tPHL
S0, S1 to LT
12.0
19.0
24.0
12.0
25.0
tPZH
Output Enable Time
4.5
10.0
13.0
4.5
14.0
ns
tPZL
S0, S1 to I/On
5.5
11.0
15.0
5.5
16.0
tPHZ
Output Disable Time
3.5
8.0
12.0
3.5
13.0
tPLZ
S0, S1 to I/On
4.5
9.6
12.5
4.5
13.5


Número de pieza similar - 74F524

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74F524 PHILIPS-74F524 Datasheet
131Kb / 14P
   8-bit register comparator open-collector 3-State
1990 Aug 07
More results

Descripción similar - 74F524

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74ALS520 FAIRCHILD-DM74ALS520 Datasheet
51Kb / 5P
   8-Bit Comparator
logo
Texas Instruments
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT652T TI-CY74FCT652T Datasheet
63Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY29FCT52T TI-CY29FCT52T Datasheet
264Kb / 10P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2646T TI-CY74FCT2646T Datasheet
51Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2652T TI-CY74FCT2652T Datasheet
52Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
logo
Fairchild Semiconductor
29F52 FAIRCHILD-29F52 Datasheet
69Kb / 8P
   8-Bit Registered Transceiver
logo
National Semiconductor ...
54F521DM NSC-54F521DM Datasheet
165Kb / 8P
   8-Bit Identity Comparator
logo
STMicroelectronics
M54HC688 STMICROELECTRONICS-M54HC688 Datasheet
243Kb / 10P
   8 BIT EQUALITY COMPARATOR
logo
Fairchild Semiconductor
74F521 FAIRCHILD-74F521 Datasheet
82Kb / 8P
   8-Bit Identity Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com