Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

031-5684 Datasheet(PDF) 6 Page - Amphenol Corporation

No. de pieza 031-5684
Descripción Electrónicos  TNC Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

031-5684 Datasheet(HTML) 6 Page - Amphenol Corporation

  031-5684 Datasheet HTML 1Page - Amphenol Corporation 031-5684 Datasheet HTML 2Page - Amphenol Corporation 031-5684 Datasheet HTML 3Page - Amphenol Corporation 031-5684 Datasheet HTML 4Page - Amphenol Corporation 031-5684 Datasheet HTML 5Page - Amphenol Corporation 031-5684 Datasheet HTML 6Page - Amphenol Corporation 031-5684 Datasheet HTML 7Page - Amphenol Corporation 031-5684 Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
126
Amphenol® RF:
800-627-7100
TNC
TNC
Printed Circuit Board Connectors
Angle Jacks
Plating
Part Number
Body
Contact
031-5607
Matte Tin
Silver
031-5660
Nickel
Gold
031-6294
Matte Tin
Gold
Straight Jacks
Plating
Part Number
Body
Contact
031-71063
Nickel
Gold
031-6293
Matte Tin
Gold
Adapters
Straight Jack to Jack
Plating
Part Number
Body
Contact
Description
031-4791
Nickel
Silver
Jack to Jack
031-6203
Nickel
Gold
Plug to Plug
Bulkhead Jack to Jack
Plating
Part Number
Body
Contact
Description
031-6198
Nickel
Gold
Bulkhead with Gasket
031-6201
Nickel
Gold
Bulkhead without Gasket
Angle Jack to Plug
Plating
Part Number
Body
Contact
000-79125
Nickel
Gold
Tee Jack-Plug-Jack
Plating
Part Number
Body
Contact
000-79700
Nickel
Silver


Número de pieza similar - 031-5684

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Amphenol Corporation
031-5633 AMPHENOL-031-5633 Datasheet
4Mb / 16P
   BNC Connectors
031-5633 AMPHENOL-031-5633 Datasheet
305Kb / 2P
   BNC 50 ohm PCB Receptacles
031-5633-1010 AMPHENOL-031-5633-1010 Datasheet
4Mb / 16P
   BNC Connectors
031-5637 AMPHENOL-031-5637 Datasheet
4Mb / 16P
   BNC Connectors
031-5637 AMPHENOL-031-5637 Datasheet
305Kb / 2P
   BNC 50 ohm PCB Receptacles
More results

Descripción similar - 031-5684

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
API Technologies Corp
1591 APITECH-1591 Datasheet
511Kb / 1P
   TNC Connectors
logo
List of Unclassifed Man...
122412 ETC2-122412 Datasheet
1Mb / 24P
   TNC COAXIAL CONNECTORS
logo
Winchester Electronics ...
564A595 WINCHESTER-564A595 Datasheet
95Kb / 4P
   Specifications for TNC Connectors
logo
Amphenol Corporation
031-5679 AMPHENOL-031-5679 Datasheet
567Kb / 1P
   Reverse Polarity RP-TNC Connectors
logo
Tyco Electronics
RBD-50-L-00 MACOM-RBD-50-L-00 Datasheet
114Kb / 8P
   RF one-step BNC/TNC connectors
logo
API Technologies Corp
305W APITECH-305W Datasheet
629Kb / 2P
   SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
Filtronic Compound Semi...
305 FILTRONIC-305 Datasheet
380Kb / 2P
   SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
Pasternack Enterprises,...
PE3C0117 PASTERNACK-PE3C0117 Datasheet
322Kb / 3P
   TNC Male to TNC Male Cable UsingLMR-195 Coax And Times Connectors
PE3C0115 PASTERNACK-PE3C0115 Datasheet
322Kb / 3P
   TNC Male to TNC Male Cable UsingLMR-100 Coax And Times Connectors
logo
TE Connectivity Ltd
108-12001 TEC-108-12001 Datasheet
884Kb / 13P
   TNC Series Coaxial Connectors Dual Crimp Type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com