Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


74LCX162244 Datasheet(Hoja de datos) 4 Page - Fairchild Semiconductor

No. de Pieza. 74LCX162244
Descripción  Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

 
 4 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 3)
Recommended Operating Conditions (Note 5)
Note 3: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated
at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The “Recom-
mended Operating Conditions” table will define the conditions for actual device operation.
Note 4: IO Absolute Maximum Rating must be observed.
Note 5: Unused control inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol
Parameter
Value
Conditions
Units
VCC
Supply Voltage
0.5 to 7.0
V
VI
DC Input Voltage
0.5 to 7.0
V
VO
DC Output Voltage
0.5 to 7.0
Output in 3-STATE
V
0.5 to VCC  0.5
Output in HIGH or LOW State (Note 4)
IIK
DC Input Diode Current
50
VI  GND
mA
IOK
DC Output Diode Current
50
VO  GND
mA
50
VO ! VCC
IO
DC Output Source/Sink Current
r50
mA
ICC
DC Supply Current per Supply Pin
r100
mA
IGND
DC Ground Current per Ground Pin
r100
mA
TSTG
Storage Temperature
65 to 150
qC
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
Operating
2.0
3.6
V
Data Retention
1.5
3.6
VI
Input Voltage
05.5
V
VO
Output Voltage
HIGH or LOW State
0
VCC
V
3-STATE
0
5.5
IOH/IOL
Output Current
VCC 3.0V  3.6V
r12
mA
VCC 2.7V  3.0V
r8
VCC 2.3V  2.7V
r4
TA
Free-Air Operating Temperature
40
85
qC
't/'V
Input Edge Rate, VIN 0.8V–2.0V, VCC 3.0V
0
10
ns/V
Symbol
Parameter
Conditions
VCC
TA 40qC to 85qC
Units
(V)
Min
Max
VIH
HIGH Level Input Voltage
2.3
 2.7
1.7
V
2.7
 3.6
2.0
VIL
LOW Level Input Voltage
2.3
 2.7
0.7
V
2.7
 3.6
0.8
VOH
HIGH Level Output Voltage
IOH 100 PA2.3  3.6
VCC  0.2
V
IOH 4 mA
2.3
1.8
IOH 4 mA
2.7
2.2
IOH 6 mA
3.0
2.4
IOH 8 mA
2.7
2.0
IOH 12 mA
3.0
2.0
VOL
LOW Level Output Voltage
IOL 100 PA2.3  3.6
0.2
V
IOL 4 mA
2.3
0.6
IOL 4 mA
2.7
0.4
IOL 6 mA
3.0
0.55
IOL 8 mA
2.7
0.6
IOL 12 mA
3.0
0.8
II
Input Leakage Current
0
d VI d 5.5
2.3
 3.6
r5.0
PA
IOZ
3-STATE Output Leakage
0
d VO d 5.5V
2.3
 3.6
r5.0
PA
VI VIH or VIL




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
74LCXH162244Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCXZ16244Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC16240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX16240Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVX240Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXH16244Low Voltage 16-Bit Buffer/Line Driver with Bushold 1 2 3 4 5 MoreFairchild Semiconductor
74ABT2244Octal Buffer/Line Driver with 25Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16374Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACT1654116-Bit Buffer/Line Driver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX16646Low Voltage 16-Bit Transceiver/Register with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl