Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

74LCX162244 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de Pieza. 74LCX162244
Descripción  Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

74LCX162244 Datasheet(HTML) 1 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500471
www.fairchildsemi.com
September 2000
Revised May 2005
74LCX162244
Low Voltage 16-Bit Buffer/Line Driver
with 26
: Series Resistors in Outputs
General Description
The LCX162244 contains sixteen non-inverting buffers with
3-STATE outputs designed to be employed as a memory
and address driver, clock driver, or bus oriented transmit-
ter/receiver. The device is nibble controlled. Each nibble
has separate 3-STATE control inputs which can be shorted
together for full 16-bit operation.
The LCX162244 is designed for low voltage (2.5V or 3.3V)
VCC applications with capability of interfacing to a 5V signal
environment.
In addition, the outputs include equivalent 26
: (nominal)
series resistors to reduce overshoot and undershoot and
are designed to sink/source up to 12 mA at VCC 3.0V.
The LCX162244 is fabricated with an advanced CMOS
technology to achieve high speed operation while maintain-
ing CMOS low power dissipation.
Features
s 5V tolerant inputs and outputs
s 2.3V–3.6V VCC specifications provided
s Outputs include equivalent series resistance of 26
: to
make external termination resistors unnecessary and
reduce overshoot and undershoot
s 5.3 ns tPD max (VCC 3.0V), 20 PA ICC max
s Power down high impedance inputs and outputs
s
r12 mA output drive (VCC 3.0V)
s Implements patented noise/EMI reduction circuitry
s Latch-up performance exceeds 500 mA
s ESD performance:
Human body model
! 2000V
Machine model
! 200V
s Also packaged in plastic Fine-Pitch Ball Grid Array
(FBGA) (Preliminary)
Ordering Code:
Note 1: BGA package available in Tape and Reel only.
Note 2: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
Order Number
Package Number
Package Description
74LCX162244GX
(Note 1)
BGA54A
(Preliminary)
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
[TAPE and REEL]
74LCX162244MEA
(Note 2)
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
74LCX162244MTD
(Note 2)
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn