Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LCX373WM Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza 74LCX373WM
Descripción Electrónicos  Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX373WM Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button 74LCX373WM Datasheet HTML 4Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 5Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 6Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 7Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 8Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 9Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 10Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 11Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
www.fairchildsemi.com
74LCX373 Rev. 2.0.0
Schematic Diagram (Generic for LCX Family)
ESD
ESD
Input Stage
Output
Input Stage
P1
P2
P5
X1
GTO™
VCC
VDD
N1
N+/P–
D2
P3
P4
N4
N5
N3
N+/P–
D4
N+/P–
D6
Data
Enable
N2


Número de pieza similar - 74LCX373WM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LCX373WM FAIRCHILD-74LCX373WM Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX373WM ONSEMI-74LCX373WM Datasheet
689Kb / 17P
   Low Voltage Octal Transparent Latch 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.8.1
More results

Descripción similar - 74LCX373WM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LCX373 FAIRCHILD-74LCX373_08 Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX373 ONSEMI-74LCX373 Datasheet
689Kb / 17P
   Low Voltage Octal Transparent Latch 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.8.1
logo
Fairchild Semiconductor
74LCX573 FAIRCHILD-74LCX573_08 Datasheet
681Kb / 14P
   Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
74LCX573 FAIRCHILD-74LCX573 Datasheet
753Kb / 14P
   Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
91Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX16373 NSC-54LCX16373 Datasheet
106Kb / 5P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX841 FAIRCHILD-74LCX841 Datasheet
88Kb / 8P
   Low Voltage 10-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX16373 FAIRCHILD-74LCX16373 Datasheet
75Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
79Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX16373 ONSEMI-74LCX16373 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com