Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


74LCXH162244 Datasheet(Hoja de datos) 6 Page - Fairchild Semiconductor

No. de Pieza. 74LCXH162244
Descripción  Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26Ω Series Resistors in Outputs
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

   
 6 page
background image
www.fairchildsemi.com
6
AC LOADING and WAVEFORMS Generic for LCX Family
FIGURE 1. AC Test Circuit (CL includes probe and jig capacitance)
Waveform for Inverting and Non-Inverting Functions
Propagation Delay. Pulse Width and trec Waveforms
3-STATE Output Low Enable and
Disable Times for Logic
3-STATE Output High Enable and
Disable Times for Logic
Setup Time, Hold Time and Recovery Time for Logic
trise and tfall
FIGURE 2. Waveforms
(Input Characteristics; f =1MHz, tR = tF = 3ns)
VI
CL
6V for VCC 3.3V, 2.7V
50 pF
VCC * 2 for VCC 2.5V
30 pF
Symbol
VCC
3.3V
r 0.3V
2.7V
2.5V
r 0.2V
Vmi
1.5V
1.5V
VCC/2
Vmo
1.5V
1.5V
VCC/2
Vx
VOL  0.3V
VOL  0.3V
VOL  0.15V
Vy
VOH  0.3V
VOH  0.3V
VOH  0.15V




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
74LCXZ16244Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXH16244Low Voltage 16-Bit Buffer/Line Driver with Bushold 1 2 3 4 5 MoreFairchild Semiconductor
74LCX16240Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16374Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX16646Low Voltage 16-Bit Transceiver/Register with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
F74ALVC16245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ABT2244Octal Buffer/Line Driver with 25Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVX240Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX373Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16839Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl