Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LCXH245WM Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza 74LCXH245WM
Descripción Electrónicos  Low Voltage Bidirectional Transceiver with Bushold
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXH245WM Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LCXH245WM Datasheet HTML 1Page - Fairchild Semiconductor 74LCXH245WM Datasheet HTML 2Page - Fairchild Semiconductor 74LCXH245WM Datasheet HTML 3Page - Fairchild Semiconductor 74LCXH245WM Datasheet HTML 4Page - Fairchild Semiconductor 74LCXH245WM Datasheet HTML 5Page - Fairchild Semiconductor 74LCXH245WM Datasheet HTML 6Page - Fairchild Semiconductor 74LCXH245WM Datasheet HTML 7Page - Fairchild Semiconductor 74LCXH245WM Datasheet HTML 8Page - Fairchild Semiconductor 74LCXH245WM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating Conditions (Note 4)
Note 2: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated
at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The “Recom-
mended Operating Conditions” table will define the conditions for actual device operation.
Note 3: IO Absolute Maximum Rating must be observed.
Note 4: Floating or unused control inputs must be HIGH or LOW.
DC Electrical Characteristics
Symbol
Parameter
Value
Conditions
Units
VCC
Supply Voltage
−0.5 to +7.0
V
VI
T/R, OE
0.5 to
+7.0
V
I/O Ports
−0.5 to V
CC + 0.5
VO
DC Output Voltage
−0.5 to +7.0
Output in 3-STATE
V
−0.5 to V
CC + 0.5
Output in HIGH or LOW State (Note 3)
IIK
DC Input Diode Current
−50
VI < GND
mA
IOK
DC Output Diode Current
−50
VO < GND
mA
+50
VO > VCC
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current per Supply Pin
±100
mA
IGND
DC Ground Current per Ground Pin
±100
mA
TSTG
Storage Temperature
−65 to +150
°C
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
Operating
2.0
3.6
V
Data Retention
1.5
3.6
VI
Input Voltage
0VCC
V
VO
Output Voltage
HIGH or LOW State
0
VCC
V
3-STATE
0
5.5
IOH/IOL
Output Current
VCC = 3.0V − 3.6V
±24
mA
VCC = 2.7V - 3.0V
±12
VCC = 2.3V - 2.7V
±8
TA
Free-Air Operating Temperature
−40
85
°C
∆t/∆V
Input Edge Rate, VIN = 0.8V − 2.0V, VCC = 3.0V
0
10
ns/V
Symbol
Parameter
Conditions
VCC
TA = −40°C to +85°C
Units
(V)
Min
Max
VIH
HIGH Level Input Voltage
2.3
− 2.7
1.7
V
2.7
− 3.6
2.0
VIL
LOW Level Input Voltage
2.3
− 2.7
0.7
V
2.7 - 3.6
0.8
VOH
HIGH Level Output Voltage
IOH = −100 µA
2.3 - 3.6
VCC − 0.2
V
IOH = −8 mA
2.3
1.8
IOH = −12 mA
2.7
2.2
IOH = −18 mA
3.0
2.4
IOH = −24 mA
3.0
2.2
VOL
LOW Level Output Voltage
IOL = 100 µA2.3 − 3.6
0.2
V
IOL = 8mA
2.3
0.6
IOL = 12 mA
2.7
0.4
IOL = 16 mA
3.0
0.4
IOL = 24 mA
3.0
0.55
II
Input Leakage Current
VI = VCC or GND
2.3
− 3.6
±5.0
µA


Número de pieza similar - 74LCXH245WM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LCXH245WM FAIRCHILD-74LCXH245WM Datasheet
200Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH245WM ONSEMI-74LCXH245WM Datasheet
306Kb / 12P
   Low Voltage Bidirectional Transceiver with Bushold
Revised September 2001
logo
Fairchild Semiconductor
74LCXH245WMX FAIRCHILD-74LCXH245WMX Datasheet
200Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
More results

Descripción similar - 74LCXH245WM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VCXH245 FAIRCHILD-74VCXH245 Datasheet
81Kb / 8P
   Low Voltage Bidirectional Transceiver with Bushold
74ALVCH245 FAIRCHILD-74ALVCH245 Datasheet
82Kb / 7P
   Low Voltage Bidirectional Transceiver with Bushold
74VCXH245 FAIRCHILD-74VCXH245_05 Datasheet
211Kb / 9P
   Low Voltage Bidirectional Transceiver with Bushold
74LCXH245WMX FAIRCHILD-74LCXH245WMX Datasheet
200Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH245 ONSEMI-74LCXH245 Datasheet
306Kb / 12P
   Low Voltage Bidirectional Transceiver with Bushold
Revised September 2001
logo
Fairchild Semiconductor
74LCXH16245 FAIRCHILD-74LCXH16245 Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
74LCXH16245 FAIRCHILD-74LCXH16245_05 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH16245 ONSEMI-74LCXH16245 Datasheet
204Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Revised June 2005
logo
Fairchild Semiconductor
74LCXH2245 FAIRCHILD-74LCXH2245_05 Datasheet
215Kb / 11P
   Low Voltage Bidirectional Transceiver with Bushold and 26ohm Series Resistors in B Outputs
74LCXH32245 FAIRCHILD-74LCXH32245 Datasheet
177Kb / 8P
   Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com