Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

74LCXZ16244 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de Pieza. 74LCXZ16244
Descripción  Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

74LCXZ16244 Datasheet(HTML) 5 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Note 7: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
TA = −40°C to +85°C, RL = 500 Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
CL = 50 pF
CL = 50 pF
MinMax
MinMax
tPHL
Propagation Delay
1.0
4.5
1.0
5.2
ns
tPLH
Data to Output
1.0
4.5
1.0
5.2
tPZL
Output Enable Time
1.0
5.5
1.0
6.3
ns
tPZH
1.0
5.5
1.0
6.3
tPLZ
Output Disable Time
1.0
5.4
1.0
5.7
ns
tPHZ
1.0
5.4
1.0
5.7
tOSHL
Output to Output Skew (Note 7)
1.0
ns
tOSLH
1.0
Symbol
Parameter
Conditions
VCC
TA = 25°C
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
0.8
V
VOLV
Quiet Output Dynamic Valley VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
−0.8
V
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = Open, VI = 0V or VCC
7pF
COUT
Output Capacitance
VCC = 3.3V, VI = 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC = 3.3V, VI = 0V or VCC, f = 10 MHz
20
pF


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn