Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4752A Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

No. de pieza 1N4752A
Descripción Electrónicos  1.0 Watt Glass Passivated Junction Silicon Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4752A Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  1N4752A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4752A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4752A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4752A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N4752A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1N4752A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd 1N4752A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RATINGS AND CHARACTERISTIC CURVES (1N4740A THRU 1M200Z)
Version:F12
1
10
100
0
0
1
10
100
1000
PW, PULSE WIDTH (ms)
FIG.11 MAXIMUM SURGE POWER
20% DUTY CYCLE
11V-91V NON-REPETITIVE
10% DUTY CYCLE
5% DUTY CYCLE
0.8V-10V NON-REPETITIVE
RECTANGULAR WAVEFORM
TA=25℃ PRIOR TO INITIAL PULSE


Número de pieza similar - 1N4752A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1N4752A VISHAY-1N4752A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Fairchild Semiconductor
1N4752A FAIRCHILD-1N4752A Datasheet
666Kb / 4P
   Zener Diodes
logo
Vishay Siliconix
1N4752A VISHAY-1N4752A Datasheet
117Kb / 5P
   Zener Diodes
Rev. 1.8, 22-Feb-06
logo
Tak Cheong Electronics ...
1N4752A TAK_CHEONG-1N4752A Datasheet
445Kb / 7P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
March 2002 / A
logo
List of Unclassifed Man...
1N4752A ETC1-1N4752A Datasheet
16Kb / 1P
   Zener Diodes
More results

Descripción similar - 1N4752A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TRANSYS Electronics Lim...
1N4728A TEL-1N4728A Datasheet
162Kb / 3P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
logo
Continental Device Indi...
1N4728A CDIL-1N4728A Datasheet
154Kb / 4P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
logo
First Silicon Co., Ltd
SMF4728A FS-SMF4728A Datasheet
145Kb / 4P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes , 1.0 Watt Steady State
logo
Leshan Radio Company
SZA6.8A LRC-SZA6.8A Datasheet
185Kb / 10P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
S-SODZ5.1A-SH LRC-S-SODZ5.1A-SH Datasheet
1Mb / 11P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
SODZ5.1A-SH LRC-SODZ5.1A-SH Datasheet
1Mb / 11P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
S-SZA2.4A LRC-S-SZA2.4A Datasheet
195Kb / 4P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com