Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVQ04 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 74LVQ04
Descripción Electrónicos  Low Voltage Hex Inverter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ04 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LVQ04 Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ04 Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ04 Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ04 Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ04 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Note 3: All outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
Note 5: Incident wave switching on transmission lines with impedances as low as 75
Ω for commercial temperature range is guaranteed for 74LVQ.
Note 6: Worst case package.
Note 7: Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V; one output at GND.
Note 8: Max number of Data Inputs (n) switching. (n
− 1) inputs switching 0V to 3.3V. Input-under-test switching: 3.3V to threshold (V
ILD) 0V to threshold
(VIHD) f = 1 MHz.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Diode Current (IIK)
VI = −0.5V
−20 mA
VI = VCC + 0.5V
+20 mA
DC Input Voltage (VI)
−0.5V to V
CC + 0.5V
DC Output Diode Current (IOK)
VO = −0.5V
−20 mA
VO = VCC + 0.5V
+20 mA
DC Output Voltage (VO)
−0.5V to V
CC + 0.5V
DC Output Source
or Sink Current (IO)
±50 mA
DC VCC or Ground Current
(ICC or IGND)
±200 mA
Storage Temperature (TSTG)
−65°C to +150°C
DC Latch-Up Source or
Sink Current
±100 mA
Supply Voltage (VCC)
2.0V to 3.6V
Input Voltage (VI)
0V to VCC
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆V/∆t)
VIN from 0.8V to 2.0V
VCC @ 3.0V
125 mV/ns
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum High Level
3.0
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
or VCC − 0.1V
VIL
Maximum Low Level
3.0
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
or VCC − 0.1V
VOH
Minimum High Level
3.0
2.99
2.9
2.9
V
IOUT = −50 µA
Output Voltage
3.0
2.58
2.48
V
VIN = VIL or VIH (Note 3)
IOH = −12 mA
VOL
Maximum Low Level
3.0
0.002
0.1
0.1
V
IOUT = 50 µA
Output Voltage
3.0
0.36
0.44
V
VIN = VIL or VIH (Note 3)
IOL = 12 mA
IIN
Maximum Input
3.6
±0.1
±1.0
µA
VI = VCC,
Leakage Current
GND
IOLD
Minimum Dynamic (Note 4)
3.6
36
mA
VOLD = 0.8V Max (Note 5)
IOHD
Output Current
3.6
−25
mA
VOHD = 2.0V Min (Note 5)
ICC
Maximum Quiescent
3.6
2.0
20.0
µA
VIN = VCC
Supply Current
or GND
VOLP
Quiet Output
3.3
0.8
1.1
V
(Note 6)(Note 7)
Maximum Dynamic VOL
VOLV
Quiet Output
3.3
−0.8
−1.1
V
(Note 6)(Note 7)
Minimum Dynamic VOL
VIHD
Maximum High Level
3.3
1.7
2.0
V
(Note 6)(Note 8)
Dynamic Input Voltage
VILD
Maximum Low Level
3.3
1.6
0.8
V
(Note 6)(Note 8)
Dynamic Input Voltage


Número de pieza similar - 74LVQ04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04 Datasheet
55Kb / 8P
   HEX INVERTER
February 1999
74LVQ04 STMICROELECTRONICS-74LVQ04 Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER
74LVQ04M STMICROELECTRONICS-74LVQ04M Datasheet
55Kb / 8P
   HEX INVERTER
February 1999
74LVQ04MTR STMICROELECTRONICS-74LVQ04MTR Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER
74LVQ04T STMICROELECTRONICS-74LVQ04T Datasheet
55Kb / 8P
   HEX INVERTER
February 1999
More results

Descripción similar - 74LVQ04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
74LVX14 ONSEMI-74LVX14 Datasheet
218Kb / 9P
   Low Voltage Hex Inverter
February 2008 Rev. 1.5.0
74LVX04 ONSEMI-74LVX04 Datasheet
223Kb / 8P
   Low Voltage Hex Inverter
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX04 FAIRCHILD-74LVX04 Datasheet
62Kb / 6P
   Low Voltage Hex Inverter
74LVX04 FAIRCHILD-74LVX04_08 Datasheet
307Kb / 8P
   Low Voltage Hex Inverter
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
   Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Hex Inverter
January, 2005 ??Rev. 4
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
logo
Motorola, Inc
MC74LCX04 MOTOROLA-MC74LCX04 Datasheet
133Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
MC74LVQ04 MOTOROLA-MC74LVQ04 Datasheet
176Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com