Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVQ573QSC Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza 74LVQ573QSC
Descripción Electrónicos  Low Voltage Octal Latch with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ573QSC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LVQ573QSC Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ573QSC Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ573QSC Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ573QSC Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ573QSC Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ573QSC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics
Symbol
Parameter
VCC
(V)
TA = +25˚C
CL = 50 pF
TA = −40˚C to +85˚C
CL = 50 pF
Units
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
2.7
2.5
10.2
14.8
2.5
16.0
ns
tPLH
Dn to On
3.3 ±0.3
2.5
8.5
10.5
2.5
11.0
tPLH
Propagation Delay
2.7
2.5
10.2
16.9
2.5
18.0
ns
tPHL
LE to On
3.3 ±0.3
2.5
8.5
12.0
2.5
12.5
tPZL
Output Enable Time
2.7
2.5
10.2
18.3
2.5
19.0
ns
tPZH
3.3 ±0.3
2.5
8.5
13.0
2.5
13.5
tPHZ
Output Disable Time
2.7
1.0
10.8
20.4
1.0
21.0
ns
tPLZ
3.3 ±0.3
1.0
9.0
14.5
1.0
15.0
tOSHL
Output to Output Skew (Note 9)
2.7
1.0
1.5
1.5
ns
tOSLH
Dn to On
3.3 ±0.3
1.0
1.5
1.5
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The speci-
fication applies to any outputs switching in the same direction, either HIGH to LOW (tOSHL) or LOW to HIGH (tOSLH). Parameter guaranteed by design.
AC Operating Requirements
Symbol
Parameter
VCC
(V)
TA = +25˚C
CL = 50 pF
TA = −40˚C to +85˚C
CL = 50 pF
Units
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
2.7
0
4.0
4.5
ns
Dn to LE
3.3 ±0.3
0
3.0
3.0
tH
Hold Time, HIGH or LOW
2.7
0
1.5
1.5
ns
Dn to LE
3.3 ±0.3
0
1.5
1.5
tW
LE Pulse Width, HIGH
2.7
2.4
5.0
6.0
ns
3.3 ±0.3
2.0
4.0
4.0
Capacitance
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = Open
CPD (Note 10)
Power Dissipation Capacitance
37
pF
VCC = 3.3V
Note 10: CPD is measured at 10 MHz.
www.fairchildsemi.com
4


Número de pieza similar - 74LVQ573QSC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVQ573QSC FAIRCHILD-74LVQ573QSC Datasheet
73Kb / 7P
   Low Voltage Octal Latch with 3-STATE Outputs
More results

Descripción similar - 74LVQ573QSC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVX573 FAIRCHILD-74LVX573 Datasheet
92Kb / 7P
   Low Voltage Octal Latch with 3-STATE Outputs
74LVQ573 FAIRCHILD-74LVQ573_01 Datasheet
73Kb / 7P
   Low Voltage Octal Latch with 3-STATE Outputs
74LVQ373 FAIRCHILD-74LVQ373 Datasheet
70Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVTH373 FAIRCHILD-74LVTH373_08 Datasheet
316Kb / 10P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVT373 FAIRCHILD-74LVT373 Datasheet
105Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVX373 ONSEMI-74LVX373 Datasheet
198Kb / 9P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74LVT573 FAIRCHILD-74LVT573 Datasheet
107Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVX373 FAIRCHILD-74LVX373 Datasheet
80Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVTH373 ONSEMI-74LVTH373 Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
74LVT373 ONSEMI-74LVT373 Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com