Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVT2245MSA Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza 74LVT2245MSA
Descripción Electrónicos  Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25廓 Series Resistors in the B Port Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT2245MSA Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LVT2245MSA Datasheet HTML 1Page - Fairchild Semiconductor 74LVT2245MSA Datasheet HTML 2Page - Fairchild Semiconductor 74LVT2245MSA Datasheet HTML 3Page - Fairchild Semiconductor 74LVT2245MSA Datasheet HTML 4Page - Fairchild Semiconductor 74LVT2245MSA Datasheet HTML 5Page - Fairchild Semiconductor 74LVT2245MSA Datasheet HTML 6Page - Fairchild Semiconductor 74LVT2245MSA Datasheet HTML 7Page - Fairchild Semiconductor 74LVT2245MSA Datasheet HTML 8Page - Fairchild Semiconductor 74LVT2245MSA Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics
Note 4: Applies to Bushold versions only (74LVTH2245).
Note 5: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 6: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
Note 7: This is the increase in supply current for each input that is at the specified voltage level rather than VCC or GND.
Dynamic Switching Characteristics (Note 8)
Note 8: Characterized in SOIC package. Guaranteed parameter, but not tested.
Note 9: Max number of outputs defined as (n). n
1 data inputs are driven 0V to 3V. Output under test held LOW.
Symbol
Parameter
VCC
TA 40qC to 85qC
Units
Conditions
(V)
Min
Max
VIK
Input Clamp Diode Voltage
2.7
1.2
V
II 18 mA
VIH
Input HIGH Voltage
2.7–3.6
2.0
V
VO d 0.1V or
VIL
Input LOW Voltage
2.7–3.6
0.8
V
VO t VCC  0.1V
VOH
Output HIGH Voltage
A Port
2.7
2.4
V
IOH 8 mA
3.0
2.0
IOH 32 mA
B Port
3.0
2.0
V
IOH 12 mA
2.7–3.6
VCC0.2
V
IOH 100 PA
VOL
Output LOW Voltage
A Port
2.7
0.5
V
IOL 24 mA
3.0
0.4
IOL 16 mA
3.0
0.5
IOL 32 mA
3.0
0.55
IOL 64 mA
B Port
3.0
0.8
V
IOL 12 mA
2.7
0.2
V
IOL 100 PA
II(HOLD)
Bushold Input Minimum Drive
3.0
75
PA
VI 0.8V
(Note 4)
75
VI 2.0V
II(OD)
Bushold Input Over-Drive
3.0
500
PA
(Note 5)
(Note 4)
Current to Change State
500
(Note 6)
II
Input Current
3.6
10
PA
VI 5.5V
Control Pins
3.6
r1VI 0V or VCC
Data Pins
3.6
5VI 0V
1VI VCC
IOFF
Power Off Leakage Current
0
r100
PA0V d VI or VO d 5.5V
IPU/PD
Power Up/Down
0–1.5V
r100
PA
VO 0.5V to 3.0V
3-STATE Current
VI GND or VCC
IOZL
3-STATE Output Leakage Current
3.6
5
PAVO 0.5V
IOZL (Note 4) 3-STATE Output Leakage Current
3.6
5
PAVO 0.0V
IOZH
3-STATE Output Leakage Current
3.6
5
PAVO 3.0V
IOZH (Note 4) 3-STATE Output Leakage Current
3.6
5
PAVO 3.6V
IOZH
3-STATE Output Leakage Current
3.6
10
PAVCC  VO d 5.5V
ICCH
Power Supply Current
3.6
0.19
mA
Outputs High
ICCL
Power Supply Current
3.6
5
mA
Outputs Low
ICCZ
Power Supply Current
3.6
0.19
mA
Outputs Disabled
ICCZ
Power Supply Current
3.6
0.19
mA
VCC d VO d 5.5V,
Outputs Disabled
'ICC
Increase in Power Supply Current
3.6
0.2
mA
One Input at VCC  0.6V
(Note 7)
Other Inputs at VCC or GND
Symbol
Parameter
VCC
TA 25qC
Units
Conditions
(V)
Min
Typ
Max
CL 50 pF, RL 500:
VOLP
Quiet Output Maximum Dynamic VOL
3.3
0.8
V
(Note 9)
VOLV
Quiet Output Minimum Dynamic VOL
3.3
0.8
V
(Note 9)


Número de pieza similar - 74LVT2245MSA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
74LVT2245MTC ONSEMI-74LVT2245MTC Datasheet
294Kb / 11P
   Low Voltage Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVT2245MTC FAIRCHILD-74LVT2245MTC_08 Datasheet
304Kb / 9P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25 B Port Outputs
More results

Descripción similar - 74LVT2245MSA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVT2245 FAIRCHILD-74LVT2245_08 Datasheet
304Kb / 9P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25 B Port Outputs
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
82Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in B Outputs
74LVT245 FAIRCHILD-74LVT245 Datasheet
83Kb / 8P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
74LVT245 ONSEMI-74LVT245 Datasheet
328Kb / 12P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
February 2008 Rev. 1.4.0
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
Fairchild Semiconductor
74AC245SCX FAIRCHILD-74AC245SCX Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC54F245 MOTOROLA-MC54F245 Datasheet
38Kb / 2P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245_10 Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74AC245 FAIRCHILD-74AC245_05 Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
MC74AC245 ONSEMI-MC74AC245_15 Datasheet
99Kb / 8P
   Octal Bidirectional Transceiver with 3-State Inputs/Outputs
February, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com