Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2576T-ADJ Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2576T-ADJ
Descripción Electrónicos  LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2576T-ADJ Datasheet(HTML) 3 Page - Texas Instruments

  LM2576T-ADJ Datasheet HTML 1Page - Texas Instruments LM2576T-ADJ Datasheet HTML 2Page - Texas Instruments LM2576T-ADJ Datasheet HTML 3Page - Texas Instruments LM2576T-ADJ Datasheet HTML 4Page - Texas Instruments LM2576T-ADJ Datasheet HTML 5Page - Texas Instruments LM2576T-ADJ Datasheet HTML 6Page - Texas Instruments LM2576T-ADJ Datasheet HTML 7Page - Texas Instruments LM2576T-ADJ Datasheet HTML 8Page - Texas Instruments LM2576T-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
LM2576, LM2576HV
www.ti.com
SNVS107C – JUNE 1999 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Maximum Supply Voltage
LM2576
45V
LM2576HV
63V
ON /OFF Pin Input Voltage
−0.3V ≤ V ≤ +VIN
Output Voltage to Ground
(Steady State)
−1V
Power Dissipation
Internally Limited
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
150°C
Minimum ESD Rating
(C = 100 pF, R = 1.5 k
Ω)
2 kV
Lead Temperature
(Soldering, 10 Seconds)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensured specific performance limits. For ensured specifications and test
conditions, see ELECTRICAL CHARACTERISTICS ALL OUTPUT VOLTAGE VERSIONS.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
OPERATING RATINGS
Temperature Range
LM2576/LM2576HV
−40°C ≤ TJ ≤ +125°C
Supply Voltage
LM2576
40V
LM2576HV
60V
ELECTRICAL CHARACTERISTICS LM2576-3.3, LM2576HV-3.3
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating Temperature
Range.
LM2576-3.3
Units
LM2576HV-3.3
Symbol
Parameter
Conditions
(Limits)
Typ
Limit (1)
SYSTEM PARAMETERS Test Circuit Figure 21 and Figure 22(2)
VOUT
Output Voltage
VIN = 12V, ILOAD = 0.5A
3.3
V
Circuit of Figure 21 and Figure 22
3.234
V(Min)
3.366
V(Max)
VOUT
Output Voltage
6V
≤ VIN ≤ 40V, 0.5A ≤ ILOAD ≤ 3A
3.3
V
LM2576
Circuit of Figure 21 and Figure 22
3.168/3.135
V(Min)
3.432/3.465
V(Max)
VOUT
Output Voltage
6V
≤ VIN ≤ 60V, 0.5A ≤ ILOAD ≤ 3A
3.3
V
LM2576HV
Circuit of Figure 21 and Figure 22
3.168/3.135
V(Min)
3.450/3.482
V(Max)
η
Efficiency
VIN = 12V, ILOAD = 3A
75
%
(1)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods.
(2)
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM2576/LM2576HV is used as shown in Figure 21 and Figure 22, system performance will be as shown in ELECTRICAL
CHARACTERISTICS ALL OUTPUT VOLTAGE VERSIONS.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2576 LM2576HV


Número de pieza similar - LM2576T-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2576T-ADJ NSC-LM2576T-ADJ Datasheet
572Kb / 14P
   Simple Switcher??3 Amp Step-Down Voltage Regulator
logo
Texas Instruments
LM2576T-ADJ TI-LM2576T-ADJ Datasheet
4Mb / 46P
[Old version datasheet]   LM2576xx Series SIMPLE SWITCHER® Power Converter 3-A Step-Down Voltage Regulator
REVISED MARCH 2023
logo
National Semiconductor ...
LM2576T-ADJ NSC-LM2576T-ADJ Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2576T-ADJ ONSEMI-LM2576T-ADJ Datasheet
417Kb / 26P
   EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
Motorola, Inc
LM2576T-ADJ MOTOROLA-LM2576T-ADJ Datasheet
287Kb / 28P
   Easy Switcher 3.0A Step-Down Voltage Regulator
More results

Descripción similar - LM2576T-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2576S-12 TI1-LM2576S-12 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576 TI-LM2576_15 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576HV TI1-LM2576HV Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM5576Q0 TI1-LM5576Q0 Datasheet
972Kb / 27P
[Old version datasheet]   LM5576Q0 SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com