Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SK010L Datasheet(PDF) 12 Page - Littelfuse

No. de Pieza. SK010L
Descripción  RoHS Compliant, Electrically-isolated package
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo 

SK010L Datasheet(HTML) 12 Page - Littelfuse

 
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
SCRs
Data Sheets
http://www.littelfuse.com
E6 - 12
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
Figure E6.26 Power Dissipation (Typical) versus RMS On-state Current
(25 A and 35 A)
Figure E6.27 Power Dissipation (Typical) versus RMS On-state Current
(40 A through 70 A)
0
8
16
24
32
0
RMS On-state Current [I
T(RMS)] – Amps
412
20
28
36
4
8
12
16
20
24
28
32
25
A
TO-220
Devices
35
A
Devices
CURRENT WAVEFORM: Half Sine Wave
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
RMS On-state Current [I
T(RMS)] – Amps
0
10203040506070
0
10
20
30
40
50
60
65
A
and
70
A
Devices
CURRENT WAVEFORM: Half Sine Wave
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn