Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S6055R Datasheet(PDF) 12 Page - Littelfuse

No. de pieza S6055R
Descripción Electrónicos  RoHS Compliant, Electrically-isolated package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S6055R Datasheet(HTML) 12 Page - Littelfuse

Back Button S6055R Datasheet HTML 4Page - Littelfuse S6055R Datasheet HTML 5Page - Littelfuse S6055R Datasheet HTML 6Page - Littelfuse S6055R Datasheet HTML 7Page - Littelfuse S6055R Datasheet HTML 8Page - Littelfuse S6055R Datasheet HTML 9Page - Littelfuse S6055R Datasheet HTML 10Page - Littelfuse S6055R Datasheet HTML 11Page - Littelfuse S6055R Datasheet HTML 12Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
SCRs
Data Sheets
http://www.littelfuse.com
E6 - 12
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
Figure E6.26 Power Dissipation (Typical) versus RMS On-state Current
(25 A and 35 A)
Figure E6.27 Power Dissipation (Typical) versus RMS On-state Current
(40 A through 70 A)
0
8
16
24
32
0
RMS On-state Current [I
T(RMS)] – Amps
412
20
28
36
4
8
12
16
20
24
28
32
25
A
TO-220
Devices
35
A
Devices
CURRENT WAVEFORM: Half Sine Wave
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
RMS On-state Current [I
T(RMS)] – Amps
0
10203040506070
0
10
20
30
40
50
60
65
A
and
70
A
Devices
CURRENT WAVEFORM: Half Sine Wave
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚


Número de pieza similar - S6055R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Teccor Electronics
S6055R TECCOR-S6055R Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S6055R LITTELFUSE-S6055R Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
logo
New Jersey Semi-Conduct...
S6055R NJSEMI-S6055R Datasheet
1Mb / 2P
   Electrical Specifications
More results

Descripción similar - S6055R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
S6015L52 LITTELFUSE-S6015L52 Datasheet
218Kb / 12P
   Electrically-isolated package
logo
Teccor Electronics
EC103A TECCOR-EC103A Datasheet
984Kb / 12P
   Electrically-isolated To-220AB package
logo
AIMTEC
AM2DS-Z AIMTEC-AM2DS-Z Datasheet
151Kb / 3P
   RoHS compliant SIP7 package
logo
IXYS Corporation
IXKC15N60C5 IXYS-IXKC15N60C5 Datasheet
119Kb / 4P
   Electrically isolated back surface Electrically isolated back surface
logo
SMSC Corporation
EVB-USB82640 SMSC-EVB-USB82640 Datasheet
853Kb / 8P
   48-pin QFN (RoHS compliant) package
logo
Analog Devices
HMC561LP3 AD-HMC561LP3 Datasheet
365Kb / 6P
   RoHS Compliant 3x3 mm SMT Package
logo
SMSC Corporation
EVB-USB2660 SMSC-EVB-USB2660 Datasheet
426Kb / 8P
   64-Pin QFN (RoHS compliant) package.
logo
Analog Devices
HMC447LC3 AD-HMC447LC3 Datasheet
397Kb / 8P
   RoHS Compliant 3x3 mm SMT Package
HMC573LC3B AD-HMC573LC3B Datasheet
337Kb / 6P
   RoHS Compliant 3x3 mm SMT Package
logo
List of Unclassifed Man...
Q4004F312 ETC2-Q4004F312 Datasheet
236Kb / 10P
   Electrically-isolated packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com