Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS2023CX5RFG Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS2023CX5RFG
Descripción Electrónicos  1A Single Channel USB Power Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2023CX5RFG Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS2023CX5RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2023CX5RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2023CX5RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2023CX5RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2023CX5RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2023CX5RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2023CX5RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2023CX5RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TS2023
1A Single Channel USB Power Switch
4/8
Version: A11
Application Information
Flag Output
An error Flag is an open-drained output of an N-channel MOSFET. Flag output is pulled low to signal the following
fault conditions: input under-voltage, output current limit, and thermal shutdown. The current limit flag response
delay time is 9ms.
Current Limit
The current limit threshold is preset internally. It protects the output MOSFET switches from damage resulting from
undesirable short circuit conditions or excess inrush current, which is often encountered during hot plug-in. The
error flag signals when any current limit conditions occur.
Thermal Shutdown
When temperature of TS2023 exceeds 145ºC for any reasons, the thermal shutdown function turns MOSFET
switch off and signals the error flag. A hysteresis of 20ºC prevents the MOSFETs from turning back on until the
chip temperature drops below 125ºC.
Enable Control
Enable must be driven logic low for a clearly defined input. Floating the input may cause unpredictable operation
Under-Voltage Lockout
UVLO (under-voltage lockout) prevents the output MOSFET from turning on until input voltage exceeds 2.5V
typically. After the switch turns on, if the input voltage drops below 2.3V typically, UVLO shuts off the output
MOSFET.
Supply Filtering
A 1uF bypass capacitor from USB IN to GND, located near the device, is strongly recommended to control supply
transients. Without a bypass capacitor, an output short may cause sufficient ringing on the input (from supply lead
inductance) to damage internal control circuitry
Transient Requirements
USB supports dynamic attachment (hot plug-in) of peripherals. A current surge is caused by the input capacitance
of downstream device. Ferrite beads are recommended in series with all power and ground connector pins. Ferrite
beads reduce EMI and limit the inrush current during hot attachment by filtering high-frequency signals.
Short Circuit Transient
Bulk capacitance provides the short-term transient current needed during a hot-attachment event. A 22uF/10V
ceramic capacitor mounted close to downstream connect each port should provide transient drop protection
Printed Layout Circuit
The power circuitry of USB printed circuit boards requires a customized layout to maximize thermal dissipation and
to minimize voltage drop and EMI


Número de pieza similar - TS2023CX5RFG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
TS2023C BOTHHAND-TS2023C Datasheet
201Kb / 1P
   ISOLATION TRANSFORMER FOR 10 BASE-T
More results

Descripción similar - TS2023CX5RFG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Intergrations Co...
AIC6163 AIC-AIC6163 Datasheet
186Kb / 9P
   1A Single Channel USB Switch
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625_06 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
AAT4625 ANALOGICTECH-AAT4625 Datasheet
395Kb / 8P
   USB Single-Channel Power Switch
logo
Advanced Analog Technol...
AAT4625 AAT-AAT4625 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
logo
Diodes Incorporated
AP2161WG-7 DIODES-AP2161WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2161A DIODES-AP2161A Datasheet
1Mb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
March 2015
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Taiwan Semiconductor Co...
TS2021 TSC-TS2021 Datasheet
392Kb / 8P
   0.5A Single Channel USB Power Switch
TS2024 TSC-TS2024 Datasheet
395Kb / 8P
   1.5A Single Channel USB Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com