Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BR24G04-3 Datasheet(PDF) 4 Page - Rohm

No. de pieza BR24G04-3
Descripción Electrónicos  Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BR24G04-3 Datasheet(HTML) 4 Page - Rohm

  BR24G04-3 Datasheet HTML 1Page - Rohm BR24G04-3 Datasheet HTML 2Page - Rohm BR24G04-3 Datasheet HTML 3Page - Rohm BR24G04-3 Datasheet HTML 4Page - Rohm BR24G04-3 Datasheet HTML 5Page - Rohm BR24G04-3 Datasheet HTML 6Page - Rohm BR24G04-3 Datasheet HTML 7Page - Rohm BR24G04-3 Datasheet HTML 8Page - Rohm BR24G04-3 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Datasheet
4/33
BR24G04-3
TSZ02201-0R2R0G100180-1-2
25.Feb.2013 Rev.002
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
Block Diagram
Figure 3. Block Diagram
Pin Configuration
(TOP VIEW)
Pin Descriptions
Terminal
Name
Input/
Output
Descriptions
A0
-
Don’t use
(1)
A1
Input
Slave address setting
A2
Input
Slave address setting
GND
-
Reference voltage of all input / output, 0V
SDA
Input/
output
Serial data input serial data output
SCL
Input
Serial clock input
WP
Input
Write protect terminal
VCC
-
Connect the power source.
(1)Pins not used as device address may be set to any of ‘H’, 'L', and 'Hi-Z'.
9bit
1Kbit~256Kbit EEPROM array
8
7
6
5
4
3
2
1
SDA
SCL
WP
VCC
GND
A2
A1
A0
Address
Decoder
Word
Address
Register
Data
Register
Control circuit
High Voltage
Generating Circuit
Power Source
Voltage Detection
8bit
ACK
START
STOP
4Kbit
EEPROM
array
2
5
6
VCC
SCL
GND
BR24G04-3
1
3
4
7
8
WP
SDA
A2
A1
A0


Número de pieza similar - BR24G04-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BR24G04-3 ROHM-BR24G04-3 Datasheet
592Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G04-3 ROHM-BR24G04-3 Datasheet
844Kb / 37P
   I2C BUS EEPROM
BR24G04-3A ROHM-BR24G04-3A Datasheet
843Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G04-3 ROHM-BR24G04-3_1 Datasheet
592Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G04-3 ROHM-BR24G04-3_17 Datasheet
844Kb / 37P
   I2C BUS EEPROM
More results

Descripción similar - BR24G04-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BR24G08-3 ROHM-BR24G08-3 Datasheet
1Mb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G16-3 ROHM-BR24G16-3 Datasheet
522Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3 Datasheet
532Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3 Datasheet
525Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3 Datasheet
526Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3A ROHM-BR24G128-3A Datasheet
868Kb / 38P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G02-3 ROHM-BR24G02-3 Datasheet
529Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A Datasheet
768Kb / 33P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
24L01AFJ-W ROHM-24L01AFJ-W Datasheet
705Kb / 39P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com