Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BR24G64-3 Datasheet(PDF) 13 Page - Rohm

No. de pieza BR24G64-3
Descripción Electrónicos  Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BR24G64-3 Datasheet(HTML) 13 Page - Rohm

Back Button BR24G64-3 Datasheet HTML 9Page - Rohm BR24G64-3 Datasheet HTML 10Page - Rohm BR24G64-3 Datasheet HTML 11Page - Rohm BR24G64-3 Datasheet HTML 12Page - Rohm BR24G64-3 Datasheet HTML 13Page - Rohm BR24G64-3 Datasheet HTML 14Page - Rohm BR24G64-3 Datasheet HTML 15Page - Rohm BR24G64-3 Datasheet HTML 16Page - Rohm BR24G64-3 Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Datasheet
13/33
BR24G64-3
TSZ02201-0R2R0G100220-1-2
25.Feb.2013 Rev.002
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
Timing Chart
1.
I
2C BUS Data Communication
I
2C BUS data communication starts by start condition input, and ends by stop condition input. Data is always 8bit long,
and acknowledge is always required after each byte. I
2C BUS data communication with several devices is possible by
connecting with 2 communication lines: serial data (SDA) and serial clock (SCL).
Among the devices, there should be a “master” that generates clock and control communication start and end. The rest
become “slave” which are controlled by an address peculiar to each device, like this EEPROM. The device that outputs
data to the bus during data communication is called “transmitter”, and the device that receives data is called “receiver”..
2.
Start condition (Start Bit Recognition)
(1)
Before executing each command, start condition (start bit) where SDA goes from 'HIGH' down to 'LOW' when SCL
is 'HIGH' is necessary.
(2)
This IC always detects whether SDA and SCL are in start condition (start bit) or not, therefore, unless this condition
is satisfied, any command cannot be executed.
3.
Stop Condition (Stop Bit Recognition)
(1)
Each command can be ended by a stop condition (stop bit) where SDA goes from 'LOW' to 'HIGH' while SCL is
'HIGH'.
4.
Acknowledge (ACK) Signal
(1)
This acknowledge (ACK) signal is a software rule to show whether data transfer has been made normally or not. In
master–slave communication, the device (Ex. µ-COM sends slave address input for write or read command to this
IC) at the transmitter (sending) side releases the bus after output of 8bit data.
(2)
The device (Ex. This IC receicves the slave address input for write or read command from the µ-COM) at the
receiver (receiving) side sets SDA 'LOW' during 9
th clock cycle, and outputs acknowledge signal (ACK signal)
showing that it has received the 8bit data.
(3)
This IC, after recognizing start condition and slave address (8bit), outputs acknowledge signal (ACK signal) 'LOW'.
(4)
After receiving 8bit data (word address and write data) during each write operation, this IC outputs acknowledge
signal (ACK signal) 'LOW'.
(5)
During read operation, this IC outputs 8bit data (read data), and detects acknowledge signal (ACK signal) 'LOW'.
When
acknowledge signal (ACK signal) is detected, and stop condition is not sent from the master (µ-COM) side,
this IC continues to output data. When acknowledge signal (ACK signal) is not detected, this IC stops data transfer,
and recognizes stop condition (stop bit), and ends read operation. Then this IC becomes ready for another
transmission.
5.
Device Addressing
(1)
Slave address comes start condition from master.
(2)
The significant 4 bits of slave address are used for recognizing a device type.
The device code of this IC is fixed to '1010'.
(3)
Next slave addresses (A2 A1 A0 --- device address) are for selecting devices, and plural ones can be used on a
same bus according to the number of device addresses.
(4)
The most insignificant bit (
W
/
R
--- READ / WRITE ) of slave address is used for designating write or read
operation,
and is as shown below.
Setting
W
/
R
to 0 ------- write (setting 0 to word address setting of random read)
Setting
W
/
R
to 1 ------- read
Slave address
Maximum number of
Connected buses
1
0
1
0
A2
A1
A0
R/W
――
8
89
89
89
S
P
condition
condition
ACK
STOP
ACK
DATA
DATA
ADDRESS
START
R/W
ACK
1-7
SDA
SCL
1-7
1-7
Figure 34. Data Transfer Timing


Número de pieza similar - BR24G64-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BR24G64-3 ROHM-BR24G64-3 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G64-3A ROHM-BR24G64-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR24G64-3A ROHM-BR24G64-3A Datasheet
842Kb / 38P
   I2C BUS EEPROM (2-Wire)
BR24G64-3A ROHM-BR24G64-3A_14 Datasheet
842Kb / 38P
   I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
More results

Descripción similar - BR24G64-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BR24G08-3 ROHM-BR24G08-3 Datasheet
1Mb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G16-3 ROHM-BR24G16-3 Datasheet
522Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3 Datasheet
532Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3 Datasheet
525Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3 Datasheet
526Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3A ROHM-BR24G128-3A Datasheet
868Kb / 38P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G02-3 ROHM-BR24G02-3 Datasheet
529Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G04-3 ROHM-BR24G04-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A Datasheet
768Kb / 33P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
24L01AFJ-W ROHM-24L01AFJ-W Datasheet
705Kb / 39P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com