Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BRCA016GWZ-W Datasheet(PDF) 19 Page - Rohm

No. de pieza BRCA016GWZ-W
Descripción Electrónicos  Serial EEPROM Series Standard EEPROM WLCSP EEPROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BRCA016GWZ-W Datasheet(HTML) 19 Page - Rohm

Back Button BRCA016GWZ-W_13 Datasheet HTML 15Page - Rohm BRCA016GWZ-W_13 Datasheet HTML 16Page - Rohm BRCA016GWZ-W_13 Datasheet HTML 17Page - Rohm BRCA016GWZ-W_13 Datasheet HTML 18Page - Rohm BRCA016GWZ-W_13 Datasheet HTML 19Page - Rohm BRCA016GWZ-W_13 Datasheet HTML 20Page - Rohm BRCA016GWZ-W_13 Datasheet HTML 21Page - Rohm BRCA016GWZ-W_13 Datasheet HTML 22Page - Rohm BRCA016GWZ-W_13 Datasheet HTML 23Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19/22
Datasheet
Datasheet
BRCA016GWZ-W (16Kbit)
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ2211115001
25.Feb.2013 Rev.002
TSZ02201-0R2R0G100510-1-2
I/O Equivalence Circuit
1.
Input (SCL, WP)
2.
Input / Output (SDA)
Power-Up / Down Conditions
At power on, the IC’s internal circuits may go through unstable low voltage area as the Vcc rises, making the IC’s internal
logic circuit not completely reset, hence, malfunction may occur. To prevent this,
the IC is equipped with POR circuit and
LVCC circuit. To assure the operation, observe the following conditions at power on.
1. Set SDA = 'H' and SCL ='L' or 'H'
2. Start power source so as to satisfy the recommended conditions of tR, tOFF, and Vbot for operating POR circuit.
3. Set SDA and SCL so as not to become 'Hi-Z'.
When the above conditions 1 and 2 cannot be observed, take the following countermeasures.
(1) In the case when the above condition 1 cannot be observed such that SDA becomes 'L' at power on.
→Control SCL and SDA as shown below, to make SCL and SDA, 'H' and 'H'.
(2) In the case when the above condition 2 cannot be observed.
→After power source becomes stable, execute software reset(Page 15).
(3) In the case when the above conditions 1 and 2 cannot be observed.
→Carry out (1), and then carry out (2).
Figure 42. Input Pin Circuit Diagram
Figure 43. Input / Output Pin Circuit Diagram
tOFF
tR
Vbot
0
VCC
Figure 44. Rise Waveform Diagram
tLOW
tSU:DAT
tDH
After Vcc becomes stable
SCL
VCC
SDA
After Vcc becomes stable
tSU:DAT
Figure 45. When SCL= 'H' and SDA= 'L'
Figure 46. When SCL='H' and SDA='L'
Recommended conditions of tR , tOFF , Vbot
tR
t
OFF
Vbot
10ms or below
10ms or longer
0.3V or below
100ms or below
10ms or longer
0.2V or below


Número de pieza similar - BRCA016GWZ-W_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BRCA016GWZ-W ROHM-BRCA016GWZ-W_1 Datasheet
808Kb / 26P
   WLCSP EEPROM
More results

Descripción similar - BRCA016GWZ-W_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU99901GUZ-W ROHM-BU99901GUZ-W_12 Datasheet
711Kb / 26P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCC064GWZ-3 ROHM-BRCC064GWZ-3 Datasheet
468Kb / 28P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCB008GWZ-3 ROHM-BRCB008GWZ-3 Datasheet
406Kb / 28P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCG064GWZ-3 ROHM-BRCG064GWZ-3 Datasheet
614Kb / 29P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCE064GWZ-3 ROHM-BRCE064GWZ-3 Datasheet
614Kb / 29P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BR25G512-3 ROHM-BR25G512-3 Datasheet
833Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR24G256-3 ROHM-BR24G256-3 Datasheet
490Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR24G01-3A ROHM-BR24G01-3A Datasheet
846Kb / 36P
   Serial EEPROM series Standard EEPROM
BR93G46-3A ROHM-BR93G46-3A Datasheet
943Kb / 39P
   Serial EEPROM series Standard EEPROM
BR93G46-3B ROHM-BR93G46-3B Datasheet
941Kb / 39P
   Serial EEPROM series Standard EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com