Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

74VCX162245 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de Pieza. 74VCX162245
Descripción  Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in A Port Outputs
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

74VCX162245 Datasheet(HTML) 5 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics (Note 6)
Note 6: For CL 50pF, add approximately 300ps to the AC maximum specification.
Note 7: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Symbol
Parameter
Conditions
VCC
TA 40qC to 85qC
Units
Figure
(V)
Min
Max
Number
tPHL,
Propagation Delay
CL 30 pF, RL 500:
3.3
r 0.3
0.8
3.4
ns
Figures
1, 2
tPLH
B to A
2.5
r 0.2
1.0
4.3
1.8
r 0.15
1.5
8.6
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
17.2
Figures
5, 6
tPZL,
Output Enable Time
CL 30 pF, RL 500:
3.3
r 0.3
0.8
4.2
ns
Figures
1, 3, 4
tPZH
B to A
2.5
r 0.2
1.0
5.7
1.8
r 0.15
1.5
9.8
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
19.6
Figures
5, 7, 8
tPLZ,
Output Disable Time
CL 30 pF, RL 500:
3.3
r 0.3
0.8
4.1
ns
Figures
1, 3, 4
tPHZ
B to A
2.5
r 0.2
1.0
4.8
1.8
r 0.15
1.5
8.6
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
17.2
Figures
5, 7, 8
tPHL,
Propagation Delay
CL 30 pF, RL 500:
3.3
r 0.3
0.8
2.5
ns
Figures
1, 2
tPLH
A to B
2.5
r 0.2
1.0
3.0
1.8
r 0.15
1.5
6.0
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
12.0
Figures
5, 6
tPZL,
Output Enable Time
CL 30 pF, RL 500:
3.3
r 0.3
0.8
3.5
ns
Figures
1, 3, 4
tPZH
A to B
2.5
r 0.2
1.0
4.1
1.8
r 0.15
1.5
8.2
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
16.4
Figures
5, 7, 8
tPLZ,
Output Disable Time
CL 30 pF, RL 500:
3.3
r 0.3
0.8
3.5
ns
Figures
1, 3, 4
tPHZ
A to B
2.5
r 0.2
1.0
3.8
1.8
r 0.15
1.5
6.8
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
13.6
Figures
5, 7, 8
tOSHL,
Output-to-Output Skew
CL 30 pF, RL 500:
3.3
r 0.3
0.5
ns
tOSLH
(Note 7)
2.5
r 0.2
0.5
1.8
r 0.15
0.75
CL 15 pF, RL 2k:
1.5
r 0.1
1.5


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn