Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

74VCX16374 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de Pieza. 74VCX16374
Descripción  Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

74VCX16374 Datasheet(HTML) 5 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 7: Outputs disabled or 3-STATE only.
AC Electrical Characteristics (Note 8)
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VOL
LOW Level Output Voltage
IOL 100 PA
2.7 - 3.6
0.2
V
IOL 12 mA
2.7
0.4
IOL 18 mA
3.0
0.4
IOL 24 mA
3.0
0.55
IOL 100 PA
2.3 - 2.7
0.2
IOL 12 mA
2.3
0.4
IOL 18 mA
2.3
0.6
IOL 100 PA
1.65 - 2.3
0.2
IOL 6 mA
1.65
0.3
IOL 100 PA
1.4 - 1.6
0.2
IOL 2 mA
1.4
0.35
IOL 100 PA
1.2
0.05
II
Input Leakage Current
0
d VI d 3.6V
1.2 - 3.6
r5.0
PA
IOZ
3-STATE Output Leakage
0
d VO d 3.6V
1.2 - 3.6
r10
PA
VI VIH or VIL
IOFF
Power-OFF Leakage Current
0
d (VI, VO) d 3.6V
0
10
PA
ICC
Quiescent Supply Current
VI VCC or GND
1.2 - 3.6
20
PA
VCC d (VI, VO) d 3.6V (Note 7)
1.2 - 3.6
r20
'ICC
Increase in ICC per Input
VIH VCC 0.6V
2.7 - 3.6
750
PA
Symbol
Parameter
Conditions
VCC
TA 40qC to 85qC
Units
Figure
(V)
Min
Max
Number
fMAX
Maximum Clock Frequency
CL 30 pF, RL 500:
3.3
r 0.3
250
ns
Figures
1, 2
2.5
r 0.2
200
1.8
r 0.15
100
CL 15 pF, RL 2k:
1.5
r 0.1
80
Figures
7, 8
1.2
40
tPHL,
Propagation Delay CP to On
CL 30 pF, RL 500:
3.3
r 0.3
0.8
3.0
ns
Figures
1, 2
tPLH
2.5
r 0.2
1.0
3.9
1.8
r 0.15
1.5
7.8
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
15.6
Figures
7, 8
1.2
1.5
39
tPZL,
Output Enable Time
CL 30 pF, RL 500:
3.3
r 0.3
0.8
3.5
ns
Figures
1, 3, 4
tPZH
2.5
r 0.2
1.0
4.6
1.8
r 0.15
1.5
9.2
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
18.4
Figures
7, 9, 10
1.2
1.5
46
tPLZ,
Output Disable Time
CL 30 pF, RL 500:
3.3
r 0.3
0.8
3.5
ns
Figures
1, 3, 4
tPHZ
2.5
r 0.2
1.0
3.8
1.8
r 0.15
1.5
6.8
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
13.6
Figures
7, 9, 10
1.2
1.5
34
tS
Setup Time
CL 30 pF, RL 500:
3.3
r 0.3
1.5
ns
Figures
1, 6
2.5
r 0.2
1.5
1.8
r 0.15
2.5
CL 15 pF, RL 2k:
1.5
r 0.1
3.0
Figures
6, 7
1.2
6


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn