Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AZV321KTR-G1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

No. de pieza AZV321KTR-G1
Descripción Electrónicos  SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Página de inicio  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV321KTR-G1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AZV321KTR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZV321KTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZV321KTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZV321KTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV321KTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV321KTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV321KTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV321KTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV321KTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
Data Sheet
4
May. 2010 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
2.7V Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VIO
1.7
7
mV
9
Input Bias Current
IB
11
250
nA
500
Input Offset Current
IIO
550
nA
150
Input Common Mode Voltage
Range
VCM
for CMRR
≥50dB
-0.1
1.9
V
Supply Current
ICC
VO=VCC/2, AVCL=1, no load
80
170
µA
270
Common Mode Rejection
Ratio
CMRR
0
≤VCM≤1.7V
50
65
dB
Power
Supply
Rejection
Ratio
PSRR
2.7V
≤VCC≤5V VO=1V,
50
60
dB
Output Short Circuit Current
ISOURCE VO=0V
520
mA
ISINK
VO=2.7V
10
30
mA
Output Voltage Swing
VOH
RL=10kΩ to 1.35V
2.60
2.69
V
VOL
60
180
mV
Gain Bandwidth Product
GBWP
CL=200pF
1MHz
Phase Margin
φM
60
Deg
Gain Margin
GM
10
dB
All limits are guaranteed for TA=25oC, VCC=2.7V, VEE=0V, VCM=1.0V, VO=VCC/2 and RL>1MΩ, limits in bold types are
guaranteed for TA=-40 to 85oC, unless otherwise specified. (Note 2)
Note 2: Limits over the full temperature are guarateed by design, but not tested in production.


Número de pieza similar - AZV321KTR-G1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
AZV321KTR-G1 DIODES-AZV321KTR-G1 Datasheet
391Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
September 2013 Rev. 2 - 0
More results

Descripción similar - AZV321KTR-G1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BCD Semiconductor Manuf...
AZV321 BCDSEMI-AZV321 Datasheet
331Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321 BCDSEMI-AZV321_01 Datasheet
66Kb / 2P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV331 BCDSEMI-AZV331_10 Datasheet
787Kb / 14P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
AZV321 DIODES-AZV321 Datasheet
391Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
September 2013 Rev. 2 - 0
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003 Datasheet
457Kb / 10P
   Low Voltage, Rail-to-Rail Output Operational Amplifier
January, 2014 ??Rev. 2
logo
Unisonic Technologies
LV321 UTC-LV321_11 Datasheet
520Kb / 11P
   SINGLE GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMV358A TI1-LMV358A Datasheet
1Mb / 29P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
LMV358A TI1-LMV358A_17 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com