Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VCXH16374GX Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza 74VCXH16374GX
Descripción Electrónicos  Low Voltage 16-Bit D-Type Flip-Flop with Bushold
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXH16374GX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74VCXH16374GX Datasheet HTML 1Page - Fairchild Semiconductor 74VCXH16374GX Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH16374GX Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH16374GX Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH16374GX Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH16374GX Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH16374GX Datasheet HTML 7Page - Fairchild Semiconductor 74VCXH16374GX Datasheet HTML 8Page - Fairchild Semiconductor 74VCXH16374GX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 6: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 7: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
Note 8: Outputs disabled or 3-STATE only.
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VOL
LOW Level Output Voltage
IOL 100 PA
2.7 - 3.6
0.2
V
IOL 12 mA
2.7
0.4
IOL 18 mA
3.0
0.4
IOL 24 mA
3.0
0.55
IOL 100 PA
2.3 - 2.7
0.2
IOL 12 mA
2.3
0.4
IOL 18 mA
2.3
0.6
IOL 100 PA
1.65 - 2.3
0.2
IOL 6 mA
1.65
0.3
IOL 100 PA
1.4 - 1.6
0.2
IOL 2 mA
1.4
0.35
II
Input Leakage Current
Control Pins
0
d VI d 3.6V
2.7 - 3.6
r5.0
PA
Data Pins
VI VCC or GND
2.7 - 3.6
r5.0
II(HOLD)
Bushold Input Minimum
VIN 0.8V
3.0
75.0
PA
Drive Hold Current
VIN 2.0V
3.0
75.0
VIN 0.7V
2.3
45.0
VIN 1.6V
2.3
45.0
VIN 0.57V
1.65
25.0
VIN 1.07V
1.65
25.0
II(OD)
Bushold Input Over-Drive
(Note 6)
3.6
450
PA
Current to Change State
(Note 7)
3.6
450
(Note 6)
2.7
300
(Note 7)
2.7
300
(Note 6)
1.95
200
(Note 7)
1.95
200
IOZ
3-STATE Output Leakage
0
d VO d 3.6V
1.4 - 3.6
r10.0
PA
VI VIH or VIL
IOFF
Power-OFF Leakage Current
0
d (VO) d 3.6V
0
10.0
PA
ICC
Quiescent Supply Current
VI VCC or GND
1.4 - 3.6
20.0
PA
VCC d (VO) d 3.6V (Note 8)
1.4 - 3.6
r20.0
PA
'ICC
Increase in ICC per Input
VIH VCC 0.6V
2.7 - 3.6
750
PA


Número de pieza similar - 74VCXH16374GX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74VCXH16374 STMICROELECTRONICS-74VCXH16374 Datasheet
285Kb / 12P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74VCXH16374 ONSEMI-74VCXH16374 Datasheet
247Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16-Bit D?뭈ype Flip?묯lop With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
June, 2006 ??Rev. 5
74VCXH16374DT ONSEMI-74VCXH16374DT Datasheet
247Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16-Bit D?뭈ype Flip?묯lop With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
June, 2006 ??Rev. 5
74VCXH16374DTR ONSEMI-74VCXH16374DTR Datasheet
247Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16-Bit D?뭈ype Flip?묯lop With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
June, 2006 ??Rev. 5
logo
STMicroelectronics
74VCXH16374TTR STMICROELECTRONICS-74VCXH16374TTR Datasheet
285Kb / 12P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Descripción similar - 74VCXH16374GX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LCXH16374 FAIRCHILD-74LCXH16374 Datasheet
204Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
Toshiba Semiconductor
TC74VCXH16374FT TOSHIBA-TC74VCXH16374FT Datasheet
217Kb / 14P
   Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
TC74VCXH162374FT TOSHIBA-TC74VCXH162374FT Datasheet
176Kb / 13P
   Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
Fairchild Semiconductor
74ALVCH16374 FAIRCHILD-74ALVCH16374 Datasheet
97Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH16374 FAIRCHILD-74LCXH16374_05 Datasheet
210Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH162374 FAIRCHILD-74LCXH162374 Datasheet
207Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
74ALVCH162374 FAIRCHILD-74ALVCH162374 Datasheet
94Kb / 6P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
logo
ON Semiconductor
MC74LCX16374 ONSEMI-MC74LCX16374_12 Datasheet
133Kb / 7P
   Low-Voltage CMOS 16-Bit D-Type Flip-Flop
July, 2012 ??Rev. 9
logo
Fairchild Semiconductor
74VCXH162374 FAIRCHILD-74VCXH162374 Datasheet
86Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26廓 Series Resistors in Outputs
logo
Motorola, Inc
MC74LCX16374 MOTOROLA-MC74LCX16374 Datasheet
123Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com