Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-7840-300E Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-7840-300E
Descripción Electrónicos  Isolation Amplifi er
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7840-300E Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7840-300E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-300E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-300E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-300E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-300E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-300E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-300E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-300E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-300E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
AC Electrical Specifications
Unless otherwise noted, all typicals and figures are at the nominal operating conditions of V
IN+
= 0, V
IN-
= 0 V, V
DD1
=
V
DD2
= 5 V and T
A
= 25°C; all Min./Max. specifications are within the Recommended Operating Conditions.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Fig.
Note
V
OUT
Bandwidth (-3 dB)
BW
50
100
kHz
V
IN+
= 200 mV
pk-pk
sine wave.
12,13
V
OUT
Noise
N
OUT
31.5
mVrms
V
IN+
= 0.0 V
13
V
IN
to V
OUT
Signal Delay
(50 – 10%)
t
PD10
2.03
3.3
μs
Measured at output of
MC34081 on Figure 15.
V
IN+
= 0 mV to 150 mV
step.
14,15
V
IN
to V
OUT
Signal Delay
(50 – 50%)
t
PD50
3.47
5.6
V
IN
to V
OUT
Signal Delay
(50 – 90%)
t
PD90
4.99
9.9
V
OUT
Rise/Fall Time
(10 – 90%)
t
R/F
2.96
6.6
Common Mode Transient
Immunity
CMTI
10.0
15.0
kV/μs
V
CM
= 1 kV, T
A
= 25°C
16
14
Power Supply Rejection
PSR
170
mVrms
With recommended
application circuit.
15
Package Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Fig.
Note
Input-Output Momentary
Withstand Voltage
V
ISO
3750
Vrms
RH < 50%, t = 1 min.,
T
A
= 25°C
16,17
Resistance
(Input-Output)
R
I-O
>109
ΩV
I-O
= 500 V
DC
18
Capacitance
(Input-Output)
C
I-O
1.2
pF
F = 1 MHz
18


Número de pieza similar - HCPL-7840-300E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-500E AVAGO-HCPL-7840-500E Datasheet
151Kb / 19P
   Isolation Amplifi er
HCPL-7840-560E AVAGO-HCPL-7840-560E Datasheet
151Kb / 19P
   Isolation Amplifier
More results

Descripción similar - HCPL-7840-300E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-500E AVAGO-HCPL-7840-500E Datasheet
151Kb / 19P
   Isolation Amplifi er
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
   RF Amplifi er
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
   Microwave Amplifi er
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
   Microwave Amplifi er
BXHF1056 APITECH-BXHF1056 Datasheet
405Kb / 2P
   Microwave Amplifi er
BXHF1063 APITECH-BXHF1063 Datasheet
539Kb / 2P
   Microwave Amplifi er
BXHF1064 APITECH-BXHF1064 Datasheet
371Kb / 2P
   Microwave Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com