Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VHC14M Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza 74VHC14M
Descripción Electrónicos  Hex Schmitt Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC14M Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74VHC14M Datasheet HTML 1Page - Fairchild Semiconductor 74VHC14M Datasheet HTML 2Page - Fairchild Semiconductor 74VHC14M Datasheet HTML 3Page - Fairchild Semiconductor 74VHC14M Datasheet HTML 4Page - Fairchild Semiconductor 74VHC14M Datasheet HTML 5Page - Fairchild Semiconductor 74VHC14M Datasheet HTML 6Page - Fairchild Semiconductor 74VHC14M Datasheet HTML 7Page - Fairchild Semiconductor 74VHC14M Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 7: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained by the equation:
ICC (Opr) CPD * VCC * fIN  ICC/6 (per Gate)
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
r 0.3
8.3
12.8
1.0
15.0
ns
CL 15 pF
tPHL
Time
10.8
16.3
1.0
18.5
CL 50 pF
5.0
r 0.5
5.5
8.6
1.0
10.0
ns
CL 15 pF
7.0
10.6
1.0
12.0
CL 50 pF
CIN
Input Capacitance
4
10
10
pF
VCC Open
CPD
Power Dissipation Capacitance
21
pF
(Note 7)


Número de pieza similar - 74VHC14M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74VHC14M STMICROELECTRONICS-74VHC14M Datasheet
220Kb / 11P
   HEX SCHMITT INVERTER
logo
National Semiconductor ...
74VHC14M NSC-74VHC14M Datasheet
138Kb / 6P
   Hex Schmitt Inverter
logo
Fairchild Semiconductor
74VHC14M FAIRCHILD-74VHC14M Datasheet
78Kb / 6P
   Hex Schmitt Inverter
logo
ON Semiconductor
74VHC14M ONSEMI-74VHC14M Datasheet
905Kb / 5P
   Hex Schmitt Inverter
August-2017, Rev. 2
logo
National Semiconductor ...
74VHC14MSC NSC-74VHC14MSC Datasheet
138Kb / 6P
   Hex Schmitt Inverter
More results

Descripción similar - 74VHC14M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
   HEX SCHMITT INVERTER
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
   Hex Schmitt Inverter
logo
STMicroelectronics
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
   Hex Schmitt inverter
logo
ON Semiconductor
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
   Hex Schmitt Inverter
December 2007 Rev. 1.5.0
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
   Hex Schmitt Inverter
May, 2011 ??Rev. 10
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
   HEX SCHMITT INVERTER
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
   HEX SCHMITT INVERTER
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
   HEX SCHMITT INVERTER
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14_99 Datasheet
78Kb / 6P
   Hex Schmitt Inverter
logo
Toshiba Semiconductor
TC74AC14F TOSHIBA-TC74AC14F Datasheet
255Kb / 6P
   HEX SCHMITT INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com