Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VHC244N Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza 74VHC244N
Descripción Electrónicos  Octal Buffer/Line Driver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC244N Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74VHC244N Datasheet HTML 1Page - Fairchild Semiconductor 74VHC244N Datasheet HTML 2Page - Fairchild Semiconductor 74VHC244N Datasheet HTML 3Page - Fairchild Semiconductor 74VHC244N Datasheet HTML 4Page - Fairchild Semiconductor 74VHC244N Datasheet HTML 5Page - Fairchild Semiconductor 74VHC244N Datasheet HTML 6Page - Fairchild Semiconductor 74VHC244N Datasheet HTML 7Page - Fairchild Semiconductor 74VHC244N Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 4: Parameter guaranteed by design. tOSLH
|tPLHmax  tPLHmin|; tOSHL
|tPHLmax  tPHLmin|.
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained by the equation: ICC (OPR.)
CPD * VCC * fIN  ICC/8 (per bit).
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
r 0.3
5.8
8.4
1.0
10.0
ns
CL 15 pF
tPHL
Time
8.3
11.9
1.0
13.5
CL 50 pF
5.0
r 0.5
3.9
5.5
1.0
6.5
ns
CL 15 pF
5.4
7.5
1.0
8.5
CL 50 pF
tPZL
3-STATE Output
3.3
r 0.3
6.6
10.6
1.0
12.5
ns
RL 1 k:
CL 15 pF
tPZH
Enable Time
9.1
14.1
1.0
16.0
CL 50 pF
5.0
r 0.5
4.7
7.3
1.0
8.5
ns
CL 15 pF
6.2
9.3
1.0
10.5
CL 50 pF
tPLZ
3-STATE Output
3.3
r 0.3
10.3
14.0
1.0
16.0
ns
RL 1 k:
CL 50 pF
tPHZ
Disable Time
5.0
r 0.5
6.7
9.2
1.0
10.5
CL 50 pF
tOSLH
Output to Output
3.3
r 0.3
1.5
1.5
ns
(Note 4)
CL 50 pF
tOSHL
Skew
5.0
r 0.5
1.0
1.0
CL 50 pF
CIN
Input Capacitance
4
10
10
pF
VCC Open
COUT
Output Capacitance
6
pF
VCC 5.0V
CPD
Power Dissipation Capacitance
19
pF
(Note 5)


Número de pieza similar - 74VHC244N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VHC244N FAIRCHILD-74VHC244N Datasheet
101Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74VHC244N ONSEMI-74VHC244N Datasheet
205Kb / 10P
   Octal Buffer/Line Driver
Revised April 2005
More results

Descripción similar - 74VHC244N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com