Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74VHC595NX Datasheet(PDF) 5 Page - Fairchild Semiconductor |
|
74VHC595NX Datasheet(HTML) 5 Page - Fairchild Semiconductor |
5 / 9 page 5 www.fairchildsemi.com AC Electrical Characteristics Note 4: Parameter guaranteed by design. tOSLH = | tPLH max − tPLH min|; tOSHL = | tPHL max − tPHL min|. Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr.) = CPD * VCC * fIN + ICC. Symbol Parameter VCC (V) TA = +25°CTA = −40°C to +85°C Units Conditions Min Typ Max Min Max tPLH Propagation Delay Time 3.3 ± 0.3 7.7 11.9 1.0 13.5 ns CL = 15 pF tPHL RCK to QA–QH 10.2 15.4 1.0 17.0 CL = 50 pF 5.0 ± 0.5 5.4 7.4 1.0 8.5 ns CL = 15 pF 6.9 9.4 1.0 10.5 CL = 50 pF tPLH Propagation Delay Time 3.3 ± 0.3 8.8 13.0 1.0 15.0 ns CL = 15 pF tPHL SCK–Q'H 11.3 16.5 1.0 18.5 CL = 50 pF 5.0 ± 0.5 6.2 8.2 1.0 9.4 ns CL = 15 pF 7.7 10.2 1.0 11.4 CL = 50 pF tPHL Propagation Delay Time 3.3 ± 0.3 8.4 12.8 1.0 13.7 ns CL = 15 pF SCLR –Q'H 10.9 16.3 1.0 17.2 CL = 50 pF 5.0 ± 0.5 5.9 8.0 1.0 9.1 ns CL = 15 pF 7.4 10.0 1.0 11.1 CL = 50 pF tPZL Output Enable Time 3.3 ± 0.3 7.5 11.5 1.0 13.5 ns RL = 1 kΩ CL = 15 pF tPZH G to QA–QH 9.0 15.0 1.0 17.0 CL = 50 pF 5.0 ± 0.5 4.8 8.6 1.0 10.0 ns CL = 15 pF 8.3 10.6 1.0 12.0 CL = 50 pF tPLZ Output Disable Time 3.3 ± 0.3 12.1 15.7 1.0 16.2 ns RL = 1 kΩ CL = 50 pF tPHZ G to QA–QH 5.0 ± 0.5 7.6 10.3 1.0 11.0 CL = 50 pF fMAX Maximum Clock 3.3 ± 0.3 80 150 70 MHz CL = 15 pF Frequency 55 130 50 CL = 50 pF 5.0 ± 0.5 135 185 115 MHz CL = 15 pF 95 155 85 CL = 50 pF tOSLH Output to Output 3.3 ± 0.3 1.5 1.5 ns (Note 4) CL = 50 pF tOSHL Skew 5.0 ± 0.5 1.0 1.0 CL = 50 pF CIN Input Capacitance 5.0 10 10 pF VCC = Open COUT Output Capacitance 6.0 pF VCC = 5.0V CPD Power Dissipation 87 pF (Note 5) Capacitance |
Número de pieza similar - 74VHC595NX |
|
Descripción similar - 74VHC595NX |