Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VHCU04MTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza 74VHCU04MTC
Descripción Electrónicos  Hex Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCU04MTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHCU04MTC Datasheet HTML 1Page - Fairchild Semiconductor 74VHCU04MTC Datasheet HTML 2Page - Fairchild Semiconductor 74VHCU04MTC Datasheet HTML 3Page - Fairchild Semiconductor 74VHCU04MTC Datasheet HTML 4Page - Fairchild Semiconductor 74VHCU04MTC Datasheet HTML 5Page - Fairchild Semiconductor 74VHCU04MTC Datasheet HTML 6Page - Fairchild Semiconductor 74VHCU04MTC Datasheet HTML 7Page - Fairchild Semiconductor 74VHCU04MTC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHCU04 Rev. 1.4.0
February 2008
74VHCU04
Hex Inverter
Features
High Speed: tPD = 3.5ns (typ.) at VCC = 5V
Low Power Dissipation: ICC = 2µA (max.) @ TA = 25°C
High Noise Immunity: VNIH = VNIL = 28% VCC (min.)
Power down protection is provided on all inputs
Low Noise: VOLP = 0.8V (max.)
Pin and Function Compatible with 74HCU04
General Description
The VHCU04 is an advanced high speed CMOS Inverter
fabricated with silicon gate CMOS technology. It
achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation.
Since the internal circuit is composed of a single stage
inverter, it can be used in analog applications such as
crystal oscillators. An input protection circuit ensures that
0V to 7V can be applied to the input pins without regard
to the supply voltage. This device can be used to inter-
face 5V to 3V systems and two supply systems such as
battery backup. This circuit prevents device destruction
due to mismatched supply and input voltages.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74VHCU04M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150"
Narrow
74VHCU04SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHCU04MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide


Número de pieza similar - 74VHCU04MTC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VHCU04MTC FAIRCHILD-74VHCU04MTC Datasheet
291Kb / 9P
   Hex Inverter
logo
ON Semiconductor
74VHCU04MTC ONSEMI-74VHCU04MTC Datasheet
222Kb / 9P
   Hex Inverter
February 2008 Rev. 1.4.0
More results

Descripción similar - 74VHCU04MTC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com