Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ACE12022BVM8 Datasheet(PDF) 3 Page - Fairchild Semiconductor |
|
ACE12022BVM8 Datasheet(HTML) 3 Page - Fairchild Semiconductor |
3 / 39 page 3 www.fairchildsemi.com ACE1202 Product Family Rev. B.1 Absolute Maximum Ratings Ambient Storage Temperature -65 °C to +150°C Input Voltage not including G3 -0.3V to V CC+0.3V G3 Input Voltage 0.3V to 13V Lead Temperature (10s max) +300 °C Electrostatic Discharge on all pins 2000V min Operating Conditions Relative Humidity (non-condensing) 95% EEPROM write limits See DC Electrical Characteristics 2.0 Electrical Characteristics Part Number Operating Voltage Ambient Operating Temperature ACE1202 2.2 to 5.5V 0 °C to 70°C ACE12022 2.2 to 5.5V 0 °C to 70°C ACE1202E 2.2 to 5.5V -40 °C to +85°C ACE12022E 2.2 to 5.5V -40 °C to +85°C ACE1202V 2.2 to 5.5V -40 °C to +125°C ACE1202B 2.7 to 5.5V 0 °C to 70°C ACE12022B 2.7 to 5.5V 0 °C to 70°C ACE1202BE 2.7 to 5.5V -40 °C to +85°C ACE12022BE 2.7 to 5.5V -40 °C to +85°C ACE1202BV 2.7 to 5.5V -40 °C to +125°C ACE12022BV 2.7 to 5.5V -40 °C to +125°C ACE1202L 1.8 to 5.5V 0 °C to 70°C |
Número de pieza similar - ACE12022BVM8 |
|
Descripción similar - ACE12022BVM8 |