Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5821 Datasheet(PDF) 5 Page - Leshan Radio Company

No. de pieza 1N5821
Descripción Electrónicos  Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 3.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N5821 Datasheet(HTML) 5 Page - Leshan Radio Company

  1N5821 Datasheet HTML 1Page - Leshan Radio Company 1N5821 Datasheet HTML 2Page - Leshan Radio Company 1N5821 Datasheet HTML 3Page - Leshan Radio Company 1N5821 Datasheet HTML 4Page - Leshan Radio Company 1N5821 Datasheet HTML 5Page - Leshan Radio Company 1N5821 Datasheet HTML 6Page - Leshan Radio Company 1N5821 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
标题:
1.4
标签要求 label spec.
1.4.1
LRC标签 LRC label
成型规格forming spec.
1.4.2环保标签 environmental protection label
2.外箱规格 cartoon spec.
单位:mm
L
WH
T52
430
±2
280
±2
225
±2
T42
410
±2
285
±2
300
±2
T26
435
±3
280
±3
295
±3
3 按以上包装方式,编带数量和外包装箱产品数量:typing and cartoon spec.
R-3
DO-15
1.8K
2K(T52)
1.8K(T26)
18K
20K
36K
36K
32.4K
36K
外箱数量(T42编带)
quantity/cartoon
54K-
外箱数量(T26编带)
quantity/cartoon
60K-
每根编带数量
quantity/ammo
3K
0.8K
外箱数量(T52编带)
quantity/cartoon
30K
8.0K
文件编号: WI-250
塑封生产线轴向产品包装规范
第 4 版
第 0 次修改
2
塑封外型
A-405 & DO-41 & R-1
DO-201AD
L
W
H
外箱标签cartoon label
*******
LRC产品型号 type
****
**
****
产品重复峰压值 peak repetive voltage
产品额定电流值 average output current
产品数量 quantity
*******
产品生产日期 date


Número de pieza similar - 1N5821

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
1N5821 TSC-1N5821 Datasheet
63Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
logo
Microsemi Corporation
1N5821 MICROSEMI-1N5821 Datasheet
1Mb / 8P
   3 Amp Axial Schottky Barrier Rectifiers
logo
Motorola, Inc
1N5821 MOTOROLA-1N5821 Datasheet
168Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
Vishay Siliconix
1N5821 VISHAY-1N5821 Datasheet
74Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
SeCoS Halbleitertechnol...
1N5821 SECOS-1N5821 Datasheet
119Kb / 2P
   VOLTAGE 20V ~ 40V 3.0AMP Schottky Barrier Rectifiers
More results

Descripción similar - 1N5821

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Leiditech Elec...
1N5820 LEIDITECH-1N5820 Datasheet
583Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 3.0A
logo
Leshan Radio Company
SB320 LRC-SB320_11 Datasheet
285Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
LMBR3200FT1G LRC-LMBR3200FT1G Datasheet
166Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 3.0A
SM320A LRC-SM320A Datasheet
253Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
LMBR0530ET1G LRC-LMBR0530ET1G Datasheet
422Kb / 11P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 0.5A
logo
First Silicon Co., Ltd
SM320AF FS-SM320AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
logo
AiT Semiconductor Inc.
MBR0520E AITSEMI-MBR0520E Datasheet
562Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 40V FORWARD CURRENT 0.5A
REV1.0
logo
Leshan Radio Company
LMBR0520ET1G LRC-LMBR0520ET1G Datasheet
422Kb / 11P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 0.5A
1N5817 LRC-1N5817_12 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com