Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


BDX53 Datasheet(Hoja de datos) 2 Page - Fairchild Semiconductor

No. de Pieza. BDX53
Descripción  Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

   
 2 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Figure 3. Collector-Emitter Saturation Voltage
Figure 4. Damper Diode Forward Voltage
Figure 5. Safe Operating Area
Figure 6. Power Derating
0.1
1
10
100
1000
10000
100000
VCE = 3V
IC[A], COLLECTOR CURRENT
0.1
1
10
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
IC = 250IB
IC[A], COLLECTOR CURRENT
0.1
1
10
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
IC = 250IB
IC[A], COLLECTOR CURRENT
0.1
1
10
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
IF[A], FORWARD CURRENT
1
10
100
1000
0.1
1
10
100
BDX53C
BDX53B
BDX53A
IC Max. (Continuous)
IC Max. (Pulsed)
BDX53
100us
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
TC[
o
C], CASE TEMPERATURE




Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BDX54Hammer Drivers Audio Amplifiers Applications Power Liner and Switching Applications 1 2 3 4 Fairchild Semiconductor
MP4208N CHANNEL MSO TYPE HIGH POWER HIGH SPEED SWITCHING APPLICATIONS HAMMER DRIVE PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING 1 2 3 4 5 MoreToshiba Semiconductor
MP4020High Power Switching Applications Hammer Drive Pulse Motor Drive and Inductive Load Switching 1 2 3 4 5 Toshiba Semiconductor
MP4303N CHANNEL MSO TYPE HIGH POWER HIGH SPEED SWITCHING APPLICATIONS HAMMER DRIVE PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING 1 2 3 4 5 Toshiba Semiconductor
MP4501N CHANNEL MSO TYPE HIGH POWER HIGH SPEED SWITCHING APPLICATIONS HAMMER DRIVE PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING 1 2 3 4 5 Toshiba Semiconductor
MP4503High Power Switching Applications Hammer Drive Pulse Motor Drive and Inductive Load Switching 1 2 3 4 5 MoreToshiba Semiconductor
BDW23Hammer Drivers Audio Amplifiers Applications 1 2 3 4 5 Fairchild Semiconductor
BDW24Hammer Drivers Audio Amplifiers Applications 1 2 3 4 5 Fairchild Semiconductor
CSD882Audio Frequency Power Amplifier and Low Speed Switching Applications 1 2 3 Continental Device India Limited
BDW93Hammer Drivers Audio Amplifiers Applications 1 2 3 4 5 Fairchild Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl