Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BSR17A Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza BSR17A
Descripción Electrónicos  NPN General Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BSR17A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BSR17A Datasheet HTML 1Page - Fairchild Semiconductor BSR17A Datasheet HTML 2Page - Fairchild Semiconductor BSR17A Datasheet HTML 3Page - Fairchild Semiconductor BSR17A Datasheet HTML 4Page - Fairchild Semiconductor BSR17A Datasheet HTML 5Page - Fairchild Semiconductor BSR17A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown
Voltage
IC = 10
µA, IB = 0
60
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 1.0 mA, IE = 0
40
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, IC = 0
6.0
V
ICBO
Collector-Cutoff Current
VCB = 30 V, TA = 150
°C
5.0
µA
ICEX
Collector-Cutoff Current
VCE = 30 V, VEB = 3.0 V
50
nA
IBEX
Reverse Base Current
VCE = 30 V, VEB = 3.0 V
50
nA
ON CHARACTERISTICS
hFE
DC Current Gain
IC = 0.1 mA, VCE = 1.0 V
IC = 1.0 mA, VCE = 1.0 V
IC = 10 mA, VCE = 1.0 V
IC = 50 mA, VCE = 1.0 V
IC = 100 mA, VCE = 1.0 V
40
70
100
60
30
300
VCE(sat)
Collector-Emitter Saturation Voltage*
IC = 10 mA, IB = 1.0 mA
IC = 50 mA, IB = 5.0 mA
0.2
0.3
V
V
VBE(sat)
Base-Emitter Saturation Voltage*
IC = 10 mA, IB = 1.0 mA
IC = 50 mA, IB = 5.0 mA
0.65
0.85
0.95
V
V
SMALL SIGNAL CHARACTERISTICS
fT
Transition Frequency
IC = 20 mA, VCE = 20 V,
f = 100 MHz
300
MHz
Ccb
Collector-Base Capacitance
VCB = 5.0 V, IE = 0, f = 1.0 MHz
4.0
pF
Ceb
Emitter-Base Capacitance
VEB = 0.5 V, IC = 0, f = 1.0 MHz
8.0
pF
hie
Input Impedance
VCE= 10 V,IC= 1.0 mA,f=1.0 kHz
1.0
10
k
hfe
Small-Signal Current Gain
VCE= 10 V,IC= 1.0 mA,f=1.0 kHz
100
400
hoe
Output Admittance
VCE= 10 V,IC= 1.0 mA,f=1.0 kHz
1.0
40
µS
SWITCHING CHARACTERISTICS
td
Delay Time
IC = 10 mA, IB1 = 1.0 mA,
VEB = 0.5 V
35
ns
tr
Rise Time
35
ns
ts
Storage Time
IC = 10 mA, IBon = IBoff = 1.0 mA
200
ns
tf
Fall Time
50
ns
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0 %
Spice Model
NPN (Is=6.734f Xti=3 Eg=1.11 Vaf=74.03 Bf=416.4 Ne=1.259 Ise=6.734 Ikf=66.78m Xtb=1.5 Br=.7371 Nc=2
Isc=0 Ikr=0 Rc=1 Cjc=3.638p Mjc=.3085 Vjc=.75 Fc=.5 Cje=4.493p Mje=.2593 Vje=.75 Tr=239.5n Tf=301.2p
Itf=.4 Vtf=4 Xtf=2 Rb=10)
NPN General Purpose Amplifier
(continued)


Número de pieza similar - BSR17A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BSR17A PHILIPS-BSR17A Datasheet
62Kb / 8P
   NPN switching transistor
1997 Jun 02
logo
Diotec Semiconductor
BSR17A DIOTEC-BSR17A Datasheet
181Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Guangdong Kexin Industr...
BSR17A KEXIN-BSR17A Datasheet
45Kb / 2P
   NPN Switching Transistors
logo
Continental Device Indi...
BSR17A CDIL-BSR17A Datasheet
145Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Fairchild Semiconductor
BSR17A FAIRCHILD-BSR17A_07 Datasheet
365Kb / 6P
   NPN General Purpose Amplifier
More results

Descripción similar - BSR17A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com