Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BZX85C Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de Pieza. BZX85C
Descripción  Zeners
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

BZX85C Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BZX85 Series Rev. C
2001 Fairchild Semiconductor Corporation
Typical Characteristics
0.1
0.2
0.5
1
2
5
10
20
1
2
5
10
20
50
100
200
500
1000
2000
5000
I - ZENER CURRENT (mA)
T = 25 C
º
A
Z
V = 3.3V
Z
V = 5.1V
Z
V = 12.0V
Z
V = 33.0V
Z
12
5
10
20
30
1
2
3
4
5
I - ZENER CURRENT (mA)
T = -25 C
º
A
Z
V = 3.3V
Z
T = 85 C
º
A
T = 100 C
º
A
T = 25 C
º
A
T = 125 C
º
A
12
5
10
20
30
5
10
15
20
25
30
35
I - ZENER CURRENT (mA)
T = 25 C
º
A
Z
V = 12.0V
Z
V = 3.3V
Z
V = 5.1V
Z
V = 33.0V
Z
12
5
10
20
30
4
4.5
5
5.5
6
I - ZENER CURRENT (mA)
T = -25 C
º
A
Z
V = 5.1V
Z
T = 85 C
º
A
T = 100 C
º
A
T = 25 C
º
A
T = 125 C
º
A
12
5
10
20
30
0
5
10
15
I - ZENER CURRENT (mA)
T = -25 C
º
A
Z
V = 12.0V
Z
T = 85 C
º
A
T = 100 C
º
A
T = 25 C
º
A
T = 125 C
º
A
12
5
10
20
30
20
25
30
35
40
I - ZENER CURRENT (mA)
T = -25 C
º
A
Z
V = 33.0V
Z
T = 85 C
º
A
T = 100 C
º
A
T = 25 C
º
A
T = 125 C
º
A
Zener Current vs. Zener Voltage
Zener Current vs. Zener Impedence
3.3 Zener Voltage vs. Temperature
5.1 Zener Voltage vs. Temperature
12 Zener Voltage vs. Zener Temperature
33 Zener Voltage vs. Zener Temperature
Zeners (BZX85C 3V3 - BZX85C 33)
(continued)


Html Pages

1  2  3 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
BZX84C3V3Zeners 1 2 3 4 Fairchild Semiconductor
BZX55CSeries Half Watt Zeners 1 Fairchild Semiconductor
1N5985BZeners 1 2 3 4 5 Fairchild Semiconductor
BZX79CSeries Half Watt Zeners 1 2 Fairchild Semiconductor
BZX85C3V3Zeners 1 2 3 4 5 Fairchild Semiconductor
BZX84CSeries Zeners 1 2 3 4 5 MoreFairchild Semiconductor
1N746AZeners 1 2 3 Fairchild Semiconductor
1N4752AOne Watt Zeners 1 2 Fairchild Semiconductor
BZX79C5V1Zeners 1 2 3 4 5 Fairchild Semiconductor
IN5221BZeners 1 2 3 Fairchild Semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn