Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4029BC Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza CD4029BC
Descripción Electrónicos  Presettable Binary/Decade Up/Down Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4029BC Datasheet(HTML) 7 Page - Fairchild Semiconductor

  CD4029BC Datasheet HTML 1Page - Fairchild Semiconductor CD4029BC Datasheet HTML 2Page - Fairchild Semiconductor CD4029BC Datasheet HTML 3Page - Fairchild Semiconductor CD4029BC Datasheet HTML 4Page - Fairchild Semiconductor CD4029BC Datasheet HTML 5Page - Fairchild Semiconductor CD4029BC Datasheet HTML 6Page - Fairchild Semiconductor CD4029BC Datasheet HTML 7Page - Fairchild Semiconductor CD4029BC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide Body
Package Number M16B
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
Package Number M16D


Número de pieza similar - CD4029BC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
CD4029BC NSC-CD4029BC Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
CD4029BCJ NSC-CD4029BCJ Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
CD4029BCN NSC-CD4029BCN Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
More results

Descripción similar - CD4029BC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
CD4029BM NSC-CD4029BM Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
CD4029BC NSC-CD4029BC Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
STMicroelectronics
HCC4029B STMICROELECTRONICS-HCC4029B Datasheet
295Kb / 13P
   BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
logo
Micro Electronics
MMC4029 MICRO-ELECTRONICS-MMC4029 Datasheet
170Kb / 4P
   PRESETTABLE UP / DOWN COUNTER BINARY OR BCD - DECADE
logo
STMicroelectronics
HCF4029B STMICROELECTRONICS-HCF4029B Datasheet
485Kb / 12P
   PRESETTABLE UP/DOWN COUNTER BINARY OR BCD DECADE
September 2002
HCF4516B STMICROELECTRONICS-HCF4516B_02 Datasheet
488Kb / 11P
   PRESETTABLE BINARY UP/DOWN COUNTER
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com