Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMBT5401LT1G Datasheet(PDF) 4 Page - Leshan Radio Company

No. de pieza LMBT5401LT1G
Descripción Electrónicos  High Voltage Transistor RoHS requirements.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT5401LT1G Datasheet(HTML) 4 Page - Leshan Radio Company

  LMBT5401LT1G Datasheet HTML 1Page - Leshan Radio Company LMBT5401LT1G Datasheet HTML 2Page - Leshan Radio Company LMBT5401LT1G Datasheet HTML 3Page - Leshan Radio Company LMBT5401LT1G Datasheet HTML 4Page - Leshan Radio Company LMBT5401LT1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
LMBT5401LT1G
I C, COLLECTOR CURRENT (mA)
Figure 4. “On” Voltages
I
C , COLLECTOR CURRENT (mA)
Figure 5. Temperature Coefficients
Figure 6. Switching Time Test Circuit
V R , REVERSE VOLTAGE (VOLTS)
Figure 7. Capacitances
I C, COLLECTOR CURRENT (mA)
Figure 8. Turn–On Time
I C, COLLECTOR CURRENT (mA)
Figure 9. Turn–Off Time
T J =25°C
V CE(sat) @ I C /I B =10
T
J =25°C
C
ibo
V BE(sat) @ I C /I B =10
V BB
10
µs
INPUT PULSE
V in
+8.8 V
R B
5.1 k
0.25
µF
V in
100
1N914
V
out
R
C
V CC
–30 V
3.0 k
t r , t f < 10 ns
DUTY CYCLE = 1.0%
Values Shown are for I C @ 10 mA
T J = –55°C to 135°C
θ
VC for V CE(sat)
θ
VB for V BE(sat)
C obo
I C /I B= 10
T J= 25°C
t d @ V BE(off)= 1.0V
V CC= 120V
t r @V CC= 30V
t r @V CC= 120V
t f @VCC= 120V
t f @ V CC= 30V
t s @V CC= 120V
I C /I B =10
T J= 25°C
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.1
0.2 0.3 0.5
1.0
2.0 3.0 5.0
10
20 30
50
100
2.5
2.0
1.5
1.0
0.5
0
- 0.5
- 1.0
- 1.5
- 2.0
- 2.5
0.1
0.2 0.3 0.5
1.0
2.0 3.0 5.0
10
20 30
50
100
100
70
50
30
20
10
7.0
5.0
3.0
2.0
1.0
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
20
1000
700
500
300
200
100
70
50
30
20
10
0.2 0.3
0.5
1.0
2.0 3.0
5.0
10
20 30
50
100
200
100
70
50
30
20
10
7.0
5.0
3.0
2.0
1.0
0.2 0.3
0.5
1.0
2.0 3.0
5.0
10
20 30
50
100
200
10.2V
100
Rev.O 4/5


Número de pieza similar - LMBT5401LT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LMBT5401LT1G LRC-LMBT5401LT1G Datasheet
109Kb / 5P
   High Voltage Transistor
logo
Shanghai Leiditech Elec...
LMBT5401LT1G LEIDITECH-LMBT5401LT1G Datasheet
445Kb / 5P
   We declare that the material of product compliance with RoHS requirements
logo
Leshan Radio Company
LMBT5401LT1G LRC-LMBT5401LT1G_15 Datasheet
127Kb / 5P
   High Voltage Transistor
More results

Descripción similar - LMBT5401LT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LMBT6520LT1G LRC-LMBT6520LT1G_11 Datasheet
246Kb / 6P
   High Voltage Transistor PNP Silicon RoHS requirements.
LMBT5551LT1G LRC-LMBT5551LT1G_11 Datasheet
135Kb / 5P
   High Voltage Transistors RoHS requirements.
LMBT6517LT1G LRC-LMBT6517LT1G_11 Datasheet
247Kb / 6P
   High Voltage Transistors NPN Silicon RoHS requirements.
LMBTA94LT1G LRC-LMBTA94LT1G_11 Datasheet
90Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR RoHS requirements.
LMBT918LT1G LRC-LMBT918LT1G_11 Datasheet
75Kb / 3P
   VHF / UFH Transistor NPN Silicon RoHS requirements.
LMBT5087LT1G LRC-LMBT5087LT1G_11 Datasheet
163Kb / 7P
   Low Noise Transistor PNP Silicon RoHS requirements.
LMBTA42LT1G LRC-LMBTA42LT1G_11 Datasheet
389Kb / 6P
   HighVoltageTransistors RoHS requirements.
logo
Bothhand USA, LP.
PG4P219RBNY-LF BOTHHAND-PG4P219RBNY-LF Datasheet
769Kb / 2P
   Compliance with ROHS requirements.
PGH5610S-LF BOTHHAND-PGH5610S-LF Datasheet
388Kb / 2P
   Complying with ROHS requirements.
20PT1024SX-LF BOTHHAND-20PT1024SX-LF Datasheet
92Kb / 2P
   Compliance with ROHS requirements
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com