Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD736AR-REEL7 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD736AR-REEL7
Descripción Electrónicos  Low Cost, Low Power, True RMS-to-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD736AR-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD736AR-REEL7 Datasheet HTML 6Page - Analog Devices AD736AR-REEL7 Datasheet HTML 7Page - Analog Devices AD736AR-REEL7 Datasheet HTML 8Page - Analog Devices AD736AR-REEL7 Datasheet HTML 9Page - Analog Devices AD736AR-REEL7 Datasheet HTML 10Page - Analog Devices AD736AR-REEL7 Datasheet HTML 11Page - Analog Devices AD736AR-REEL7 Datasheet HTML 12Page - Analog Devices AD736AR-REEL7 Datasheet HTML 13Page - Analog Devices AD736AR-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD736
Data Sheet
Rev. I | Page 10 of 20
THEORY OF OPERATION
AC COUPLED
CC = 10µF
8kΩ
INPUT
AMPLIFIER
IB<10pA
FULL-WAVE
RECTIFIER
RMS
TRANSLINEAR
CORE
−VS
CAV
+VS
COM
1
2
3
4
VIN
5
CAV
33µF
CF
OUTPUT
6
7
CF
8
+
+
8k
(OPTIONAL LPF
)
DC
+
COUPLED
AD736
0.1µF
TO COM PIN
0.1µF
10µF
OUTPUT
AMPLIFIER
BIAS
SECTION
CC
Figure 18. AD736 True RMS Circuit
As shown by Figure 18, the AD736 has five functional
subsections: the input amplifier, full-wave rectifier (FWR), rms
core, output amplifier, and bias section. The FET input amplifier
allows both a high impedance, buffered input (Pin 2) and a
low impedance, wide dynamic range input (Pin 1). The high
impedance input, with its low input bias current, is well suited
for use with high impedance input attenuators.
The output of the input amplifier drives a full-wave precision
rectifier that, in turn, drives the rms core. The essential rms
operations of squaring, averaging, and square rooting are
performed in the core using an external averaging capacitor,
CAV. Without CAV, the rectified input signal travels through the
core unprocessed, as is done with the average responding
connection (see Figure 19).
A final subsection, an output amplifier, buffers the output from
the core and allows optional low-pass filtering to be performed
via the external capacitor, CF, which is connected across the
feedback path of the amplifier. In the average responding
connection, this is where all of the averaging is carried out.
In the rms circuit, this additional filtering stage helps reduce any
output ripple that was not removed by the averaging capacitor, CAV.
TYPES OF AC MEASUREMENT
The AD736 is capable of measuring ac signals by operating as
either an average responding converter or a true rms-to-dc
converter. As its name implies, an average responding converter
computes the average absolute value of an ac (or ac and dc)
voltage or current by full-wave rectifying and low-pass filtering
the input signal; this approximates the average. The resulting
output, a dc average level, is scaled by adding (or reducing)
gain; this scale factor converts the dc average reading to an rms
equivalent value for the waveform being measured. For example,
the average absolute value of a sine wave voltage is 0.636 times
VPEAK; the corresponding rms value is 0.707 × VPEAK. Therefore, for
sine wave voltages, the required scale factor is 1.11 (0.707/0.636).
In contrast to measuring the average value, true rms measurement
is a universal language among waveforms, allowing the magnitudes
of all types of voltage (or current) waveforms to be compared to
one another and to dc. RMS is a direct measure of the power or
heating value of an ac voltage compared to that of a dc voltage;
an ac signal of 1 V rms produces the same amount of heat in a
resistor as a 1 V dc signal.


Número de pieza similar - AD736AR-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD736AR-REEL AD-AD736AR-REEL Datasheet
218Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD736AR-REEL-7 AD-AD736AR-REEL-7 Datasheet
218Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
More results

Descripción similar - AD736AR-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8436 AD-AD8436_13 Datasheet
747Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. B
AD737 AD-AD737 Datasheet
149Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD736 AD-AD736_15 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD737 AD-AD737_15 Datasheet
499Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD8436 AD-AD8436_17 Datasheet
762Kb / 21P
   Low Cost, Low Power, True RMS-to-DC Converter
AD736 AD-AD736 Datasheet
218Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD737 AD-AD737_12 Datasheet
499Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
   LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
   Low Level, True RMS-to-DC Converter
REV. B
AD636 AD-AD636_15 Datasheet
677Kb / 17P
   Low Level, True RMS-to-DC Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com