Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4044BCN Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza CD4044BCN
Descripción Electrónicos  Quad 3-STATE NOR R/S Latches . Quad 3-STATE NAND R/S Latches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4044BCN Datasheet(HTML) 5 Page - Fairchild Semiconductor

  CD4044BCN Datasheet HTML 1Page - Fairchild Semiconductor CD4044BCN Datasheet HTML 2Page - Fairchild Semiconductor CD4044BCN Datasheet HTML 3Page - Fairchild Semiconductor CD4044BCN Datasheet HTML 4Page - Fairchild Semiconductor CD4044BCN Datasheet HTML 5Page - Fairchild Semiconductor CD4044BCN Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow Body
Package Number M16A
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
Package Number M16D


Número de pieza similar - CD4044BCN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
CD4044BC NSC-CD4044BC Datasheet
136Kb / 6P
   Quad TRI-STATE NOR(NAND) R/S Latches
More results

Descripción similar - CD4044BCN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MMC4043 ETC1-MMC4043 Datasheet
440Kb / 3P
   QUAD 3-STATE NOR/ NAND R/S LATCHES
logo
STMicroelectronics
HCC4043B STMICROELECTRONICS-HCC4043B Datasheet
302Kb / 13P
   QUAD 3-STATE R-S LATCHES
logo
National Semiconductor ...
CD4043BM NSC-CD4043BM Datasheet
136Kb / 6P
   Quad TRI-STATE NOR(NAND) R/S Latches
logo
Renesas Technology Corp
CD4043BMS RENESAS-CD4043BMS Datasheet
395Kb / 10P
   CMOS Quad 3 State R/S Latches
December 1992
logo
Texas Instruments
CD4043B TI-CD4043B Datasheet
211Kb / 13P
[Old version datasheet]   CMOS QUAD 3-STATE R/S LATCHES
CD4043B TI1-CD4043B_15 Datasheet
1Mb / 31P
[Old version datasheet]   CMOS Quad 3-State R/S Latches
logo
Toshiba Semiconductor
TC4044BP TOSHIBA-TC4044BP Datasheet
238Kb / 6P
   QUAD 3-STATE R/S LATCH(Quad NAND R/S Latch)
logo
Hitachi Semiconductor
HD74HC279 HITACHI-HD74HC279 Datasheet
59Kb / 9P
   Quad. S-R Latches
logo
National Semiconductor ...
54LS279 NSC-54LS279 Datasheet
137Kb / 6P
   Quad S-R Latches
logo
Texas Instruments
54LS279 TI1-54LS279 Datasheet
387Kb / 8P
[Old version datasheet]   Quad S-R Latches
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com