Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMSD1819A-RT1G Datasheet(PDF) 2 Page - Leshan Radio Company

No. de pieza LMSD1819A-RT1G
Descripción Electrónicos  General Purpose Amplifier Transistor NPN Silicon Surface Mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMSD1819A-RT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LMSD1819A-RT1G Datasheet HTML 1Page - Leshan Radio Company LMSD1819A-RT1G Datasheet HTML 2Page - Leshan Radio Company LMSD1819A-RT1G Datasheet HTML 3Page - Leshan Radio Company LMSD1819A-RT1G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Max
Unit
Collector-Emitter Breakdown Voltage (IC = 2.0 mAdc, IB = 0)
V(BR)CEO
50
Vdc
Collector-Base Breakdown Voltage (IC = 10 mAdc, IE = 0)
V(BR)CBO
60
Vdc
Emitter-Base Breakdown Voltage (IE = 10 mAdc, IE = 0)
V(BR)EBO
7.0
Vdc
Collector-Base Cutoff Current (VCB = 20 Vdc, IE = 0)
ICBO
0.1
mA
Collector-Emitter Cutoff Current (VCE = 10 Vdc, IB = 0)
ICEO
0.1
mA
DC Current Gain (Note 2)
(VCE = 10 Vdc, IC = 2.0 mAdc)
(VCE = 2.0 Vdc, IC = 100 mAdc)
hFE1
hFE2
210
90
340
Collector-Emitter Saturation Voltage (Note 2)
(IC = 100 mAdc, IB = 10 mAdc)
VCE(sat)
0.5
Vdc
2. Pulse Test: Pulse Width
≤ 300 ms, D.C. ≤ 2%.
Figure 1. Derating Curve
250
200
150
100
50
0
−50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
Figure 2. IC − VCE
VCE, COLLECTOR VOLTAGE (V)
Figure 3. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 4. Collector Saturation Region
IB, BASE CURRENT (mA)
60
0
50
40
30
20
10
0
24
6
8
TA = 25°C
160 mA
140 mA
120 mA
100 mA
80 mA
60 mA
40 mA
IB = 20 mA
1000
0.1
100
10
1
10
100
TA = 25°C
TA = −25°C
TA = 75°C
VCE = 10 V
2
0.01
1.5
1
0.5
0
0.1
1
10
100
TA = 25°C
RqJA = 833°C/W
LESHAN RADIO COMPANY, LTD.
LMSD1819A-RT1G
Rev.O 2/4


Número de pieza similar - LMSD1819A-RT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LMSD1819A-RT1G LRC-LMSD1819A-RT1G Datasheet
84Kb / 4P
   General Purpose Amplifier Transistor
More results

Descripción similar - LMSD1819A-RT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2SC4617 ONSEMI-2SC4617_04 Datasheet
48Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
July, 2004 ??Rev. 4
logo
NTE Electronics
NTE2646 NTE-NTE2646 Datasheet
57Kb / 2P
   Silicon NPN Transistor General Purpose Amplifier, Switch Surface Mount
logo
Leshan Radio Company
MSD602-RT1 LRC-MSD602-RT1 Datasheet
40Kb / 1P
   NPN General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
2SC4081RT1 ONSEMI-2SC4081RT1 Datasheet
48Kb / 2P
   General Purpose Amplifier Transistor NPN Surface Mount
May, 2006 ??Rev. 4
MSD602-RT1G ONSEMI-MSD602-RT1G Datasheet
89Kb / 3P
   NPN General Purpose Amplifier Transistor Surface Mount
July, 2012 ??Rev. 7
MSD602-RT1 ONSEMI-MSD602-RT1 Datasheet
111Kb / 4P
   NPN General Purpose Amplifier Transistor Surface Mount
1996 REV 1
logo
E-Tech Electronics LTD
MSD602 ETL-MSD602 Datasheet
78Kb / 1P
   NPN General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
MSD602-RT1G ONSEMI-MSD602-RT1G_14 Datasheet
63Kb / 5P
   NPN General Purpose Amplifier Transistor Surface Mount
August, 2014 ??Rev. 10
logo
Leshan Radio Company
L2SC5658M3T5G LRC-L2SC5658M3T5G Datasheet
79Kb / 4P
   General Purpose Amplifier NPN Silicon Transistor
logo
First Silicon Co., Ltd
FTC5658 FS-FTC5658 Datasheet
498Kb / 5P
   NPN Silicon General Purpose Amplifier Transistor
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com