Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CNX35 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza CNX35
Descripción Electrónicos  6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNX35 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  CNX35 Datasheet HTML 1Page - Fairchild Semiconductor CNX35 Datasheet HTML 2Page - Fairchild Semiconductor CNX35 Datasheet HTML 3Page - Fairchild Semiconductor CNX35 Datasheet HTML 4Page - Fairchild Semiconductor CNX35 Datasheet HTML 5Page - Fairchild Semiconductor CNX35 Datasheet HTML 6Page - Fairchild Semiconductor CNX35 Datasheet HTML 7Page - Fairchild Semiconductor CNX35 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
6
1
6
1
6
1
DESCRIPTION
The CNX35U, CNX36U CNX38U and CNX39U are optically coupled isola-
tors consisting of an infrared emitting GaAs diode and a silicon NPN photo-
transistor with accessible base. These devices are housed in 6-pin dual-in-
line packages (DIP).
CNX35U CNX36U CNX38U
CNX39U
APPLICATIONS
• Power supply regulators
• Digital logic inputs
• Microprocessor inputs
• Appliance sensor systems
• Industrial controls
FEATURES
• High output/input DC current transfer ratio
• Low saturation voltage
• UL recognized (File # E90700)
• VDE recognized (File # 94766)
-Ordering option ‘300’ (e.g. CNX35U.300)
1
2
6
5 COL
4 EMITTER
BASE
ANODE
CATHODE
3
SCHEMATIC
Parameters
Symbol
Device
Value
Units
TOTAL DEVICE
TSTG
All
-55 to +150
°C
Storage Temperature
Operating Temperature
TOPR
All
-40 to +100
°C
Lead Solder Temperature
TSOL
All
260 for 10 sec
°C
EMITTER
Continuous Reverse Voltage
VR
All
5
V
Continuous Forward Current
IF
All
100
mA
Forward Current - Peak (10 µs pulse,
δ = 0.01)
IF(pk)
All
3.0
A
Total Power Dissipation up to 25°C Ambient
PD
All
200
mW
Derate Linearly from 25°C
All
2.0
mW/°C
DETECTOR
CNX38U
80
Collector to Emitter Voltage (open base)
VCEO
CNX35U,CNX36U,CNX39U
30
V
CNX38U
120
Collector to Base Voltage (open emitter)
VCBO
CNX35U,CNX36U,CNX39U
70
V
Emitter to Collector Voltage (open base)
VECO
All
7
V
DC Collector Current
IC
All
100
mA
Detector Power Dissipation up to 25°C Ambient
PD
All
200
mW
Derate Linearly from 25°C
All
2.0
mW/°C
 2001 Fairchild Semiconductor Corporation
DS300401
5/23/01
1 OF 8
www.fairchildsemi.com
6-PIN PHOTOTRANSISTOR
OPTOCOUPLERS


Número de pieza similar - CNX35

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CNX35 ETC-CNX35 Datasheet
513Kb / 3P
   OPTICALLY COUPLED ISOLATORS
More results

Descripción similar - CNX35

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5501SD FAIRCHILD-SL5501SD Datasheet
534Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500SD FAIRCHILD-SL5500SD Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500S FAIRCHILD-SL5500S Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5582W FAIRCHILD-SL5582W Datasheet
395Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A FAIRCHILD-CNX82A_1 Datasheet
390Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A FAIRCHILD-CNX82A Datasheet
64Kb / 5P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com