Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DM7474 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de Pieza. DM7474
Descripción  Dual Positive-Edge-Triggered D-Type Flip-Flops with Preset, Clear and Complementary Outputs
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

DM7474 Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
Switching Characteristics
at VCC = 5V and TA = 25°C
Symbol
Parameter
From (Input)
RL = 400Ω, CL = 15 pF
Units
To (Output)
Min
Max
fMAX
Maximum Clock
15
MHz
Frequency
tPHL
Propagation Delay Time
Preset to Q
40
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Preset to Q
25
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Clear to Q
40
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Clear to Q
25
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Clock to Q or Q
40
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Clock to Q or Q
25
ns
LOW-to-HIGH Level Output


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn