Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DM7474 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de Pieza. DM7474
Descripción  Dual Positive-Edge-Triggered D-Type Flip-Flops with Preset, Clear and Complementary Outputs
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

DM7474 Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006526
www.fairchildsemi.com
September 1986
Revised February 2000
DM7474
Dual Positive-Edge-Triggered D-Type Flip-Flops with
Preset, Clear and Complementary Outputs
General Description
This device contains two independent positive-edge-trig-
gered D-type flip-flops with complementary outputs. The
information on the D input is accepted by the flip-flops on
the positive going edge of the clock pulse. The triggering
occurs at a voltage level and is not directly related to the
transition time of the rising edge of the clock. The data on
the D input may be changed while the clock is LOW or
HIGH without affecting the outputs as long as the data
setup and hold times are not violated. A LOW logic level on
the preset or clear inputs will set or reset the outputs
regardless of the logic levels of the other inputs.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Function Table
H
= HIGH Logic Level
X
= Either LOW or HIGH Logic Level
L
= LOW Logic Level
↑ = Positive-going transition of the clock.
Q0 = The output logic level of Q before the indicated input conditions were
established.
Note 1: This configuration is nonstable; that is, it will not persist when either
the preset and/or clear inputs return to their inactive (HIGH) level.
Order Number
Package Number
Package Description
DM7474M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM7474N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Inputs
Outputs
PR
CLR
CLK
D
Q
Q
LH
X
X
H
L
HL
X
X
L
H
LL
X
X
H
(Note 1)
H
(Note 1)
HH
HH
L
HH
LL
H
HH
L
X
Q0
Q0


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn