Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB305-E Datasheet(PDF) 1 Page - Leshan Radio Company

No. de pieza SB305-E
Descripción Electrónicos  Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current3.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SB305-E Datasheet(HTML) 1 Page - Leshan Radio Company

  SB305-E Datasheet HTML 1Page - Leshan Radio Company SB305-E Datasheet HTML 2Page - Leshan Radio Company SB305-E Datasheet HTML 3Page - Leshan Radio Company SB305-E Datasheet HTML 4Page - Leshan Radio Company SB305-E Datasheet HTML 5Page - Leshan Radio Company SB305-E Datasheet HTML 6Page - Leshan Radio Company SB305-E Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Feature & Dimensions
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guarding for over voltage protection
* High temperature soldering guaranteed:
260
°C/10 seconds at terminals
* IEC61000-4-2 ESD Air Contact≥±15KV
Mechanical Data
Case: JEDEC DO-15, molded plastic over sky die
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
We declare that the material of product compliance
Weight: 0.015 oz., 0.40 g
with ROHS requirements
Handling precautin:None
1.Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
SB302
-E
SB303
-E
SB304
-E
SB305
-E
SB306
-E
SB308
-E
Unit
device marking code
SB302
ESD
SB303
ESD
SB304
ESD
SB305
ESD
SB306
ESD
SB308
ESD
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
80V
Maximum RMS voltage
VRMS
14
21
28
35
42
56V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80V
Maximum average forward rectified current
0.375" (9.5mm) lead length (See fig. 1)
IF
(AV)
A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
A
thermal resistance, junction to ambientR
θJA
°C/W
thermal resistance, junction to caseR
θJC
°C/W
Operating junction and storage temperature range
TJ,
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
SB302
-E
SB303
-E
SB304
-E
SB305
-E
SB306
-E
SB308
-E
Unit
Maximum instantaneous forward voltage at 3.0A
VF
V
Maximum DC reverse current Tj = 25
°C
at rated DC blocking voltage Tj = 125
°C
IR
mA
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
SB302-E thru SB3010-E
Schottky Barrier Rectifiers
Reverse Voltage 20 to 100V Forward Current3.0A
–40 to +150
0.84
0.5
10
170
5
0.70
0.50
100
SB3010
-E
SB3010
-E
SB3010
ESD
100
70
3.0
80
35


Número de pieza similar - SB305-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
SB305 TSC-SB305 Datasheet
69Kb / 2P
   Single Phase 3.0 AMPS. Silicon Bridge Rectifiers
logo
List of Unclassifed Man...
SB305 ETC1-SB305 Datasheet
100Kb / 1P
   BRIDGE RECTIFIERS 2.0 to 8.0 Amps
logo
Gaomi Xinghe Electronic...
SB305 GXELECTRONICS-SB305 Datasheet
400Kb / 2P
   Single Phase 3.0 AMPS. Silicon Brid ge Rectifiers
logo
Pan Jit International I...
SB3050CT PANJIT-SB3050CT Datasheet
43Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 60 Volts CURRENT - 30.0 Ampere)
logo
PACELEADER INDUSTRIAL
SB3050CT PACELEADER-SB3050CT Datasheet
166Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Descripción similar - SB305-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
SB820-HE LRC-SB820-HE Datasheet
110Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current8.0A
SB202-E LRC-SB202-E Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current2.0A
SB202 LRC-SB202 Datasheet
183Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current2.0A
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB520 LRC-SB520 Datasheet
204Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
logo
Hi-Sincerity Mocroelect...
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
HSR120 HSMC-HSR120 Datasheet
112Kb / 3P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 1A)
logo
Leshan Radio Company
SB120 LRC-SB120_11 Datasheet
375Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
SB120-E LRC-SB120-E Datasheet
181Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
logo
Hi-Sincerity Mocroelect...
HSR220 HSMC-HSR220 Datasheet
112Kb / 3P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 2A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com