Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM220B Datasheet(PDF) 4 Page - Leshan Radio Company

No. de pieza SM220B
Descripción Electrónicos  Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM220B Datasheet(HTML) 4 Page - Leshan Radio Company

  SM220B Datasheet HTML 1Page - Leshan Radio Company SM220B Datasheet HTML 2Page - Leshan Radio Company SM220B Datasheet HTML 3Page - Leshan Radio Company SM220B Datasheet HTML 4Page - Leshan Radio Company SM220B Datasheet HTML 5Page - Leshan Radio Company SM220B Datasheet HTML 6Page - Leshan Radio Company SM220B Datasheet HTML 7Page - Leshan Radio Company SM220B Datasheet HTML 8Page - Leshan Radio Company SM220B Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
标题Titile:
1.1 卷装 reel
A.卷盘规格reel spec
单位:mm
A
B
CW
177.0
±2.0
54.0
±0.5
13.0
±0.5
13.2
±0.2
330.0
±2.0
75.0
±0.5
13.0
±0.5
13.2
±0.2
330.0
±2.0
75.0
±0.5
13.0
±0.5
13.5
±0.5
330.0
±2.0
75.0
±0.5
13.0
±0.5
17.0
±0.5
B. 13"卷盘内盒 inner box
单位:mm
A
BC
尺寸
335
±5.0
335
±2.0
40
±1.0
按以上包装方式,产品包装数量:quantity
每盒数量
10K
6K
6K
SMB13"卷盘
SMC13"卷盘
每卷数量
2K
5K
3K
3K
规格
SMA13"卷盘
规格
SMA 7"卷盘
SMA13"卷盘
SMC13"卷盘
SMB13"卷盘
文件编号:
WI-258
塑封生产线SMD产品包装规范
第 3 版
第 0 次修改
2 页
SMD产品通用包装材料规格以及包装产品数量
Packaging specification of SMD
General packaging materials spec. and quantity


Número de pieza similar - SM220B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bytes
SM220B BYTES-SM220B Datasheet
153Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SM220B UNIOHM-SM220B Datasheet
67Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM220B SECOS-SM220B Datasheet
223Kb / 2P
   2.0 AMP Surface Mount Schottky Barrier Rectifiers
SM220B SECOS-SM220B Datasheet
230Kb / 2P
   2.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM220B TAYCHIPST-SM220B Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Descripción similar - SM220B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
SM220A-E LRC-SM220A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM220B-E LRC-SM220B-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM320B LRC-SM320B Datasheet
84Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
logo
First Silicon Co., Ltd
SM520AF FS-SM520AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
Leshan Radio Company
SM320A LRC-SM320A Datasheet
253Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM120A LRC-SM120A Datasheet
174Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM120A-E LRC-SM120A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM520BF LRC-SM520BF Datasheet
302Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF-E LRC-SM520BF-E Datasheet
243Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520A-E LRC-SM520A-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com