Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM260A-E Datasheet(PDF) 8 Page - Leshan Radio Company

No. de pieza SM260A-E
Descripción Electrónicos  Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM260A-E Datasheet(HTML) 8 Page - Leshan Radio Company

  SM260A-E Datasheet HTML 1Page - Leshan Radio Company SM260A-E Datasheet HTML 2Page - Leshan Radio Company SM260A-E Datasheet HTML 3Page - Leshan Radio Company SM260A-E Datasheet HTML 4Page - Leshan Radio Company SM260A-E Datasheet HTML 5Page - Leshan Radio Company SM260A-E Datasheet HTML 6Page - Leshan Radio Company SM260A-E Datasheet HTML 7Page - Leshan Radio Company SM260A-E Datasheet HTML 8Page - Leshan Radio Company SM260A-E Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
标题Titile:
LRC标签label
ROHS标签
无卤标签 HF label
注意事项NOTE:
1. 13"卷盘内盒装好产品,需用热缩膜包装;13"reel
’inner box must be packed by shrink film
2. 所有编带产品卷装完成后,用白色胶带将编带粘牢;
every tape after packing,must be fixed by white adhesive tape
3.1产品出厂检验报告 testing report of the OQC
每批出货时,需要附上出厂检验报告
every lot must with test report
3.2尾箱
同一编码每批次只允许出现一个尾数箱,对于尾数物料,须用缓冲材料对空余部分填充好,
保证物料在受到一定的外作用力下不发生明显移动,且物料间无碰撞。
The same coding is only one ending for each batch box materials for the mantissa to
be good filled with cushioning material.
MARK:******
Q'TY:******
文件编号:
WI-258
塑封生产线SMD产品包装规范
第 3 版
第 0 次修改
6
DATE:******
TYPE:******
Packaging specification of SMD
LRC产品型号
印字型号
产品生产日期
产品数量
Green


Número de pieza similar - SM260A-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
UNIOHM CORPORATION
SM260A UNIOHM-SM260A Datasheet
66Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM260A SECOS-SM260A Datasheet
242Kb / 2P
   2.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM260A TAYCHIPST-SM260A Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SM260A LRC-SM260A Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V
logo
AiT Semiconductor Inc.
SM260A AITSEMI-SM260A Datasheet
663Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 2.0A
REV2.1
More results

Descripción similar - SM260A-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
SM220B LRC-SM220B Datasheet
188Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM220B-E LRC-SM220B-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM320B LRC-SM320B Datasheet
84Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
logo
First Silicon Co., Ltd
SM520AF FS-SM520AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
Leshan Radio Company
SM320A LRC-SM320A Datasheet
253Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM120A LRC-SM120A Datasheet
174Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM120A-E LRC-SM120A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM520BF LRC-SM520BF Datasheet
302Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF-E LRC-SM520BF-E Datasheet
243Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520A-E LRC-SM520A-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com