Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM320C Datasheet(PDF) 3 Page - Leshan Radio Company

No. de pieza SM320C
Descripción Electrónicos  VOLTAGE 20V ~ 100V 3.0AMP Surface Mount Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM320C Datasheet(HTML) 3 Page - Leshan Radio Company

  SM320C Datasheet HTML 1Page - Leshan Radio Company SM320C Datasheet HTML 2Page - Leshan Radio Company SM320C Datasheet HTML 3Page - Leshan Radio Company SM320C Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
PACKAGE DIMENSIONS
SMC
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
1.90
2.13
2.41
0.075
INCHES
A1
0.05
0.10
0.15
0.002
b
2.92
3.00
3.07
0.115
c
0.15
0.23
0.30
0.006
D
5.59
5.84
6.10
0.220
E
6.60
6.86
7.11
0.260
L
0.76
1.02
1.27
0.030
0.084
0.095
0.004
0.006
0.118
0.121
0.009
0.012
0.230
0.240
0.270
0.280
0.040
0.050
NOM
MAX
7.75
7.94
8.13
0.305
0.313
0.320
H E
E
bD
c
L1
L
A1
A
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. D DIMENSION SHALL BE MEASURED WITHIN DIMENSION P.
4. 403−01 THRU −02 OBSOLETE, NEW STANDARD 403−03.
HE
0.020 REF
0.51 REF
L1
4.343
0.171
3.810
0.150
2.794
0.110
mm
inches
SCALE 4:1
SOLDERING FOOTPRINT*
3/3


Número de pieza similar - SM320C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
UNIOHM CORPORATION
SM320C UNIOHM-SM320C Datasheet
66Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM320C SECOS-SM320C Datasheet
204Kb / 2P
   3.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM320C TAYCHIPST-SM320C Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SM320C GWSEMI-SM320C Datasheet
65Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
SM320C AITSEMI-SM320C Datasheet
524Kb / 5P
   2 PIN SCHOTTKY DIODES 3.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
REV1.0
More results

Descripción similar - SM320C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
First Silicon Co., Ltd
SK37 FS-SK37 Datasheet
239Kb / 3P
   VOLTAGE 70V ~ 100V 3.0AMP Surface Mount Schottky Barrier Rectifiers
SK32A FS-SK32A Datasheet
186Kb / 3P
   VOLTAGE 20V ~ 60V 3.0AMP Surface Mount Schottky Barrier Rectifiers
SK32 FS-SK32 Datasheet
299Kb / 3P
   VOLTAGE 20V ~ 60V 3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SK32AF WILLAS-SK32AF Datasheet
326Kb / 2P
   3.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
First Silicon Co., Ltd
SK52 FS-SK52 Datasheet
360Kb / 4P
   VOLTAGE 20V ~ 100V 5.0AMP Surface Mount Schottky Barrier Rectifiers
SK52B FS-SK52B Datasheet
296Kb / 4P
   VOLTAGE 20V ~ 100V 5.0AMP Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
1N5820 SECOS-1N5820 Datasheet
119Kb / 2P
   VOLTAGE 20V ~ 40V 3.0AMP Schottky Barrier Rectifiers
SM320A SECOS-SM320A_12 Datasheet
208Kb / 2P
   Voltage 20V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SS32A FS-SS32A Datasheet
285Kb / 3P
   Voltage 20V ~ 100V , 3.0 Amper Surface Mount Schottky Barrier Rectifiers
logo
E-CMOS Corporation
EC7122M E-CMOS-EC7122M Datasheet
418Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifiers - 20V- 100V
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com