Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STF34NM60ND Datasheet(PDF) 3 Page - STMicroelectronics |
|
STF34NM60ND Datasheet(HTML) 3 Page - STMicroelectronics |
3 / 22 page STB34NM60ND, STF34NM60ND, STP34NM60ND, STW34NM60ND Electrical ratings Doc ID 18099 Rev 5 3/22 1 Electrical ratings Table 2. Absolute maximum ratings Symbol Parameter Value Unit D2PAK, TO-220, TO-247 TO-220FP VDS Drain-source voltage 600 V VGS Gate- source voltage ± 25 V ID Drain current (continuous) at TC = 25 °C 29 29(1) 1. Current limited by package A ID Drain current (continuous) at TC = 100 °C 18 18(1) A IDM (2) 2. Pulse width limited by safe operating area Drain current (pulsed) 116 116(1) A PTOT Total dissipation at TC = 25 °C 190 40 W VISO Insulation withstand voltage (RMS) from all three leads to external heat sink (t=1 s;TC=25 °C) 2500 V dv/dt(3) 3. ISD ≤ 29 A, di/dt ≤ 600 A/µs, VDD = 80% V(BR)DSS,VDSPeak < V(BR)DSS Peak diode recovery voltage slope 40 V/ns Tstg Storage temperature - 55 to 150 °C TJ Max. operating junction temperature 150 Table 3. Thermal data Symbol Parameter TO-220 TO-247 D2PAK TO-220FP Unit Rthj-case Thermal resistance junction-case max 0.66 3.1 °C/W Rthj-amb Thermal resistance junction-ambient max 62.5 50 62.5 °C/W Rthj-pcb (1) 1. When mounted on FR-4 board of 1 inch², 2 oz Cu. Thermal resistance junction-pcb max 30 °C/W Table 4. Avalanche characteristics Symbol Parameter Max value Unit IAR Avalanche current, repetitive or not- repetitive (pulse width limited by TJ max) 7A EAS Single pulse avalanche energy (starting TJ = 25 °C, ID = IAR, VDD = 50 V) 345 mJ |
Número de pieza similar - STF34NM60ND |
|
Descripción similar - STF34NM60ND |